Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8523 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8523 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
10
POWER CONSUMPTION MEASUREMENTS
Test Conditions
LINEVDD=AVDD=3.3V, LINEGND=AGND=0V, TA=+25°C, Slave Mode, quiescent (no signal)
TEST CONDITIONS
IAVDD
(mA)
ILINEVDD
(mA)
TOTAL
(mA)
Off
No clocks applied
SYS_ENA[1:0]=00
0.8
1.1
1.9
fs=48kHz, MCLK=256fs
Standby
SYS_ENA[1:0]=01
0.2
2.2
2.4
Playback
SYS_ENA[1:0]=11
4.8
6.0
10.8
fs=96kHz, MCLK=256fs
Standby
SYS_ENA[1:0]=01
0.2
2.9
3.1
Playback
SYS_ENA[1:0]=11
5.5
8.5
14.0
fs=192kHz, MCLK=128fs
Standby
SYS_ENA[1:0]=01
0.2
2.9
3.1
Playback
SYS_ENA[1:0]=11
5.5
8.5
14.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com