Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8523 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8523 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
9
ELECTRICAL CHARACTERISTICS
Test Conditions
LINEVDD=AVDD=3.3V, LINEGND=AGND=0V, TA=+25
°C, Slave Mode, fs=48kHz, MCLK=256fs, 24-bit data, unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Output Levels
Output Level
0dBFS
1.89
2.1
2.31
Vrms
Load Impedance
1
kΩ
Load Capacitance
No external RC filter
300
pF
With filter shown in
Error! Reference
source not found.
1
μF
DAC Performance
Signal to Noise Ratio
SNR
RL = 10kΩ
A-weighted
100
106
dB
RL = 10kΩ
Un-weighted
104
dB
Dynamic Range
DNR
RL = 10kΩ
A-weighted
104
dB
Total Harmonic Distortion
THD
RL = 10kΩ
-1dBFS
-89
dB
RL = 10kΩ
0dBFS
-86
dB
AVDD + LINEVDD
Power Supply Rejection Ratio
PSRR
100Hz
54
dB
1kHz
54
dB
20kHz
50
dB
Channel Separation
1kHz
100
dB
20Hz to 20kHz
95
dB
System Absolute Phase
0
degrees
Channel Level Matching
0.1
dB
Mute Attenuation
-120
dB
DC Offset at LINEVOUTL and
LINEVOUTR
-1
0
1
mV
Digital Logic Levels
Input HIGH Level
VIH
0.7
×
LINEVDD
V
Input LOW Level
VIL
0.3
×
LINEVDD
V
Output HIGH Level
VOH
IOL = 1mA
0.9
×
LINEVDD
V
Output LOW Level
VOL
IOH = -1mA
0.1
×
LINEVDD
V
Input Capacitance
10
pF
Input Leakage
-0.9
0.9
μA
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the maximum theoretical full scale output signal
and the output with no input signal applied.
2.
Total Harmonic Distortion (dB) – THD is the level of the rms value of the sum of harmonic distortion products relative to the
amplitude of the measured output signal.
3.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to use such a
filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The low pass filter removes
out of band noise; although it is not audible it may affect dynamic specification values.
4.
Mute Attenuation – This is a measure of the difference in level between the full scale output signal and the output with mute
applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com