Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM8523 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8523
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8523 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8523 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
WM8523
Production Data
w
PD, Rev 4.1, August 2011
28
Figure 23 SYS_ENA[1:0] Power Up and Down Sequences
DIGITAL VOLUME CONTROL
The WM8523 DAC includes digital volume control, allowing the digital gain to be adjusted between
−100dB and +12dB in 0.25dB steps. Volume update bits allow the user to write both left and right
channel volume changes before the volume is updated.
Digital volume control is only available in I2C
mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
DAC_GAINL
06h
8:0
DACL
_VOL[8:0]
110001000
DAC Digital Volume
0 0000 0000 = −100dB
0 0000 0001 = −99.75dB
0 0000 0010 = −99.5dB
…0.25dB steps
1 1001 0000 = 0dB
…0.25dB steps
1 1011 1110 = +11.75dB
1 11XX XXXX = +12dB
R7
DAC_GAINR
07h
8:0
DACR
_VOL[8:0]
R6
DAC_GAINL
06h
9
DACL_VU
0
DAC Digital Volume Update
0 = Latch DAC volume setting into
Register Map but do not update volume
1 = Latch DAC volume setting into
Register Map and update left and right
channels simultaneously
R7
DAC_GAINR
07h
9
DACR_VU
0
Table 13 DAC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com