Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5490 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 7Page - Cirrus Logic CS5490 Datasheet HTML 8Page - Cirrus Logic CS5490 Datasheet HTML 9Page - Cirrus Logic CS5490 Datasheet HTML 10Page - Cirrus Logic CS5490 Datasheet HTML 11Page - Cirrus Logic CS5490 Datasheet HTML 12Page - Cirrus Logic CS5490 Datasheet HTML 13Page - Cirrus Logic CS5490 Datasheet HTML 14Page - Cirrus Logic CS5490 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
CS5490
DS982F2
11
Notes:
5.
All outputs unloaded. All inputs CMOS level.
6.
Temperature accuracy measured after calibration is performed.
7.
Measurement method for PSRR: VDDA = +3.3V, a 150mV (zero-to-peak) (60Hz) sinewave is imposed onto the +3.3V DC supply
voltage at the VDDA pin. The “+” and “-” input pins of both input channels are shorted to GNDA. The CS5490 is then commanded
to continuous conversion acquisition mode, and digital output data is collected for the channel under test. The (zero-to-peak) value
of the digital sinusoidal output signal is determined, and this value is converted into the (zero-to-peak) value of the sinusoidal
voltage (measured in mV) that would need to be applied at the channel’s inputs, in order to cause the same digital sinusoidal
output. This voltage is then defined as Veq PSRR is (in dB):
VOLTAGE REFERENCE
Notes:
8.
It is strongly recommended that no connection other than the required filter capacitor be made to VREF±.
9.
The voltage at VREF± is measured across the temperature range. From these measurements the following formula is used to
calculate the VREF temperature coefficient:
10.
Specified at maximum recommended output of 1µA sourcing. VREF is a very sensitive signal, the output of the VREF circuit has
a very high output impedance so that the 0.1µF reference capacitor provides attenuation even to low frequency noise, such as
50Hz noise on the VREF output. As such VREF intended for the CS5490 only and should not be connected to any external
circuitry. The output impedance is sufficiently high that standard digital multi-meters can significantly load this voltage. The
accuracy of the metrology IC can not be guaranteed when a multimeter or any component other than the 0.1µF capacitor is
attached to VREF. If it is desired to measure VREF for any reason other than a very course indicator of VREF functionality, Cirrus
recommends a very high input impedance multimeter such as the Keithley Model 2000 Digital Multimeter be used, but still cannot
guarantee the accuracy of the metrology with this meter connected to VREF.
Power Supplies
Power Supply Currents (Active State)
IA+ (VDDA = +3.3V)
PSCA
-
3.9
-
mA
Power Consumption
(Note 5)
Active State (VDDA = +3.3V)
Stand-by State
PC
-
-
12.9
4.5
-
-
mW
mW
Parameter
Symbol
Min
Typ
Max
Unit
Reference
(Note 8)
Output Voltage
VREF
+2.3
+2.4
+2.5
V
Temperature Coefficient
(Note 9)
TCVREF
-25
-
ppm/°C
Load Regulation
(Note 10)
VR
-30
-
mV
Parameter
Symbol
Min
Typ
Max
Unit
PSRR
20
150
Veq
-----------
log
=
TCVREF
VREFMAX VREFMIN
–
VREFAVG
------------------------------------------------------------


1
TAMAX TAMIN
–
----------------------------------------------

 1.0 106

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com