Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5490 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 12Page - Cirrus Logic CS5490 Datasheet HTML 13Page - Cirrus Logic CS5490 Datasheet HTML 14Page - Cirrus Logic CS5490 Datasheet HTML 15Page - Cirrus Logic CS5490 Datasheet HTML 16Page - Cirrus Logic CS5490 Datasheet HTML 17Page - Cirrus Logic CS5490 Datasheet HTML 18Page - Cirrus Logic CS5490 Datasheet HTML 19Page - Cirrus Logic CS5490 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
CS5490
16
DS982F2
4.6 High-pass & Phase Matching Filters
Optional high-pass filters (HPF in Figure 6) remove any
DC component from the selected signal paths. Each
power calculation contains a current and voltage
channel. If an HPF is enabled in only one channel, a
phase-matching filter (PMF) should be applied to the
other channel to match the phase response of the HPF.
For AC power measurement, high-pass filters should be
enabled on the voltage and current channels. For
information about how to enable and disable the HPF or
PMF on each channel, refer to Config2 register
descriptions in section 6.6 Register Descriptions on
page 31.
4.7 Digital Integrators
Optional digital integrators (INT in Figure 6) are
implemented on the current channel to compensate for
the 90° phase shift and 20dB/decade gain generated
by the Rogowski coil current sensor. When a Rogowski
coil is used as the current sensor, the integrator (INT)
should be enabled on that current channel. For
information about how to enable and disable the INT on
the current channel, refer to Config2 register
descriptions in section 6.6 Register Descriptions on
page 31.
4.8 Low-rate Calculations
All the RMS and power results come from low-rate cal-
culations by averaging the output word rate (OWR) in-
stantaneous values over N samples, where N is the
value stored in the SampleCount register. The low-rate
interval or averaging period is N divided by OWR
(4000Hz if MCLK = 4.096MHz). The CS5490 provides
two averaging modes for low-rate calculations: Fixed
Number of Sample Averaging mode and Line-cycle
Synchronized Averaging mode. By default, the CS5490
averages with the Fixed Number of Samples Averaging
mode. By setting the AVG_MODE bit in the Config2 reg-
ister, the CS5490 will use the Line-cycle Synchronized
Averaging mode.
4.8.1 Fixed Number of Samples Averaging
N is the preset value in the SampleCount register and
should not be set less than 100. By default, the
SampleCount
register
is
4000.
With
MCLK = 4.096 MHz, the averaging period is fixed at
N/4000 = 1 second, regardless of the line frequency.
4.8.2 Line-cycle Synchronized Averaging
When operating in Line-cycle Synchronized Averaging
mode, and when line frequency measurement is
enabled (see section 5.4 Line Frequency Measurement
on page 19), the CS5490 uses the voltage (V) channel
zero crossings and measured line frequency to
automatically adjust N such that the averaging period
will be equal to the number of half line-cycles in the
CycleCount register. For example, if the line frequency
is 51Hz, and the CycleCount register is set to 100, N will
be
4000
(100/2)/51 = 3921
during
continuous
conversion. N is self-adjusted according to the line
frequency, therefore the averaging period is always
close to the whole number of half line-cycles, and the
low-rate calculation results will minimize ripple and
maximize resolution, especially when the line frequency
varies. Before starting a low-rate conversion in the
Line-cycle
Synchronized
Averaging
mode,
the
N
÷
N
N
÷
N
N
÷
N
N
÷
N
Registers
...
...
APCM
Config 2
V
I
P
Q
IACOFF
S
PF
X
IRMS
VRMS
QAVG
PAVG
-
+
QOFF
+
+
POFF
+
+
X
X
+
+
Inverse
Figure 7. Low-rate Calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com