Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5490 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 27Page - Cirrus Logic CS5490 Datasheet HTML 28Page - Cirrus Logic CS5490 Datasheet HTML 29Page - Cirrus Logic CS5490 Datasheet HTML 30Page - Cirrus Logic CS5490 Datasheet HTML 31Page - Cirrus Logic CS5490 Datasheet HTML 32Page - Cirrus Logic CS5490 Datasheet HTML 33Page - Cirrus Logic CS5490 Datasheet HTML 34Page - Cirrus Logic CS5490 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
CS5490
DS982F2
31
6.6 Register Descriptions
21.
“Default” = bit states after power-on or reset
22.
DO NOT write a “1” to any unpublished register bit or to a bit published as “0”.
23.
DO NOT write a “0” to any bit published as “1”.
24.
DO NOT write to any unpublished register address.
6.6.1 Configuration 0 (Config0) Page 0, Address 0
Default = 0xC0 2000
[23:9]
Reserved.
INT_POL
Interrupt Polarity.
0 = Active low (Default)
1 = Active high
[7:6]
Reserved.
IPGA[1:0]
Select PGA gain for I channel.
00 = gain (Default)
10 = 50x gain
[3]
Reserved.
NO_OSC
Disable crystal oscillator (making XIN a logic-level input).
0 = Crystal oscillator enabled (Default)
1 = Crystal oscillator disabled
23
22
21
20
19
18
17
16
1
100
-
-
-
-
15
14
13
12
11
10
9
8
-0
1-
-
-
-
INT_POL
7
654
32
1
0
-
-
IPGA[1]
IPGA[0]
-
NO_OSC
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com