Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5490 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 19Page - Cirrus Logic CS5490 Datasheet HTML 20Page - Cirrus Logic CS5490 Datasheet HTML 21Page - Cirrus Logic CS5490 Datasheet HTML 22Page - Cirrus Logic CS5490 Datasheet HTML 23Page - Cirrus Logic CS5490 Datasheet HTML 24Page - Cirrus Logic CS5490 Datasheet HTML 25Page - Cirrus Logic CS5490 Datasheet HTML 26Page - Cirrus Logic CS5490 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
CS5490
DS982F2
23
5.8 Temperature Measurement
The CS5490 has an internal temperature sensor, which
is designed to measure temperature and optionally
compensate for temperature drift of the voltage
reference. Temperature measurements are stored in
the temperature register (T), which, by default, is
configured to a range of ±128°C.
The application program can change the scale and
range of the temperature (T) register by changing the
temperature gain (TGAIN) register and temperature
offset (TOFF) register.
The temperature (T) register updates every 2240 output
word rate (OWR) samples. The Status0 register bit TUP
indicates when T is updated.
5.9 Anti-creep
The anti-creep (no-load threshold) is used to determine
if a no-load condition is detected. The |PSum| and |QSum|
are compared to the value in the no-load threshold
(LoadMin) register. If both |PSum| and |QSum| are less
than this threshold, then PSum and QSum are forced to
zero. If SSum is less than the value in LoadMin register,
then SSum is forced to zero.
5.10 Register Protection
To prevent the critical configuration and calibration
registers from unintended changes, the CS5490 provides
two enhanced register protection mechanisms: write
protection and automatic checksum calculation.
5.10.1 Write Protection
Setting the DSP_LCK[4:0] bits in the RegLock register
to 0x16 enables the CS5490 DSP lockable registers to
be write-protected from the calculation engine. Setting
the
DSP_LCK[4:0]
bits
to
0x09
disables
the
write-protection mode.
Setting the HOST_LCK[4:0] bits in the RegLock register
to 0x16 enables the CS5490 HOST lockable registers to
be write-protected from the serial interface. Setting the
HOST_LCK[4:0]
bits
to
0x09
disables
the
write-protection mode.
For registers that are DSP lockable, HOST lockable, or
both, refer to sections 6.2 Hardware Registers
Summary (Page 0) on page 26, 6.3 Software Registers
Summary (Page 16) on page 28, and 6.4 Software
Registers Summary (Page 17) on page 29.
5.10.2 Register Checksum
All the configuration and calibration registers are
protected by checksum, if enabled. Refer to sections 6.2
Hardware Registers Summary (Page 0) on page 26, 6.3
Software Registers Summary (Page 16) on page 28,
and 6.4 Software Registers Summary (Page 17) on
page 29. The checksum for all registers marked with an
asterisk symbol (*) is computed at the rate of OWR. The
checksum result is stored in the RegChk register. After
the CS5490 has been fully configured and loaded with
the calibrations, the host microcontroller should keep a
copy of the checksum (RegChk_Copy) in its memory. In
normal operation, the host microcontroller can read the
RegChk register and compare it with the saved copy of
the RegChk register. If the two values mismatch, a reload
of configurations and calibrations into the CS5490 is
necessary.
The automatic checksum computation can be disabled by
setting the REG_CSUM_OFF bit in the Config2 register.
-2
0
2
Phase A Channel
-2
0
2
Phase B Channel
-2
0
2
Phase C Channel
Stop
Stop
Stop
Phase C Count
Phase B Count
Phase A Count
A
B
C
Write 0x16 to
PSDC Register
Start on the Falling
Edge on the RX Pin
Figure 13. Phase Sequence C, B, A for Rising Edge Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com