Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5490 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 48Page - Cirrus Logic CS5490 Datasheet HTML 49Page - Cirrus Logic CS5490 Datasheet HTML 50Page - Cirrus Logic CS5490 Datasheet HTML 51Page - Cirrus Logic CS5490 Datasheet HTML 52Page - Cirrus Logic CS5490 Datasheet HTML 53Page - Cirrus Logic CS5490 Datasheet HTML 54Page - Cirrus Logic CS5490 Datasheet HTML 55Page - Cirrus Logic CS5490 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
CS5490
DS982F2
55
9. PACKAGE DIMENSIONS
Notes:
1. Controlling dimensions are in millimeters.
2. Dimensions and tolerances per ASME Y14.5M.
3. This drawing conforms to JEDEC outline MS-012, variation AC for standard 16 SOIC narrow body.
4. Recommended reflow profile is per JEDEC/IPC J-STD-020.
16 SOIC (150 MIL BODY) PACKAGE DRAWING
mm
inch
Dimension
MIN
NOM
MAX
MIN
NOM
MAX
A
- -
- -
1.75
- -
- -
0.069
A1
0.10
- -
0.25
0.004
- -
0.010
b
0.31
- -
0.51
0.012
- -
0.020
c
0.10
- -
0.25
0.004
- -
0.010
D
9.90 BSC
0.390 BSC
E
6.00 BSC
0.236 BSC
E1
3.90 BSC
0.154 BSC
e
1.27 BSC
0.05 BSC
L
0.40
- -
1.27
0.016
- -
0.050
Θ
0°
- -
8°
0°
- -
8°
aaa
0.10
0.004
bbb
0.25
0.010
ddd
0.25
0.010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com