Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC565MVR56 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC565MVR56
Description  This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC565MVR56 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC565MVR56 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MOTOROLA
MPC565/MPC566 Product Brief
3
Detailed Feature List
1.2
Detailed Feature List
The MPC565 key features are explained in the following sections.
1.2.1
High Performance CPU System
Fully static design
Four major power saving modes
— On, doze, sleep, deep-sleep and power-down
1.2.2
RISC MCU Central Processing Unit (RCPU)
High-performance core
— PowerPC single issue integer core
— Precise exception model
— Floating point
— Code compression (MPC566 only)
– Compression reduces usage of internal or external Flash memory
– Compression optimized for automotive (non-cached) applications
– New compression scheme decreases code size to 40% –50% of source
1.2.3
MPC500 System Interface (USIU)
MPC500 system interface (USIU, BBC, L2U)
Periodic interrupt timer, bus monitor, clocks, decrementer and time base
Clock synthesizer, power management, reset controller
External bus tolerates 5-V inputs, provides 2.6-V outputs
Enhanced interrupt controller supports a separate interrupt vector for up to eight external and 40
internal interrupts
IEEE 1149.1 JTAG test access port
Bus supports multiple master designs
USIU supports dual-mapping of Flash to move part of internal Flash memory to external bus for
development
External bus, supporting non-wraparound burst for instruction fetches, with up to 8 instructions
per memory cycle
1.2.4
Burst Buffer Controller (BBC) Module
Exception vector table relocation features allow exception table to be relocated to following
locations:
— 0x0000 0000 - 0x0000 1FFF (normal MPC500 exception table location)
— 0x0001 0000 - 0x0001 1FFF (0 + 64 Kbytes; second page of internal Flash)
— Second internal Flash module
— Internal SRAM
— 0x0FFF_0100 (external memory space; normal MPC500 exception table location)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com