Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC565MVR56 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC565MVR56
Description  This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC565MVR56 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC565MVR56 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MOTOROLA
MPC565/MPC566 Product Brief
5
Detailed Feature List
1.2.10 Debug Features
Extensive system debug support
On-chip watchpoints and breakpoints
Program flow tracking
Background debug mode (BDM)
1.2.10.1 Nexus Debug Port (Class 3)
Nexus/IEEE – ISTO 5001-1999 debug port (Class 3)
Nine- or 16-pin interface
1.2.10.2 Message Data Link Controller (DLCMD2) Module
Two pins muxed with QSMCMB pins. Muxing controlled by QSMCMB PCS3 pin assignment
register
SAE J1850 Class B data communications network interface compatible and ISO compatible for
low-speed (
<125 Kbps) serial data communications in automotive applications
10.4 Kbps variable pulse width (VPW) bit format
Digital noise filter, collision detection
Hardware cyclical redundancy check (CRC) generation and checking
Block mode receive and transmit supported
4x receive mode supported (41.6 Kbps)
Digital loopback mode
In-frame response (IFR) types 0, 1, 2, and 3 supported
Dedicated register for symbol timing adjustments
Inter-module bus 3 (IMB3) slave interface
Power-saving IMB3 stop mode with automatic wakeup on network activity
Power-saving IMB3 CLOCKDIS mode
Debug mode available through IMB3 FREEZE signal or user controllable SOFT_FRZ bit
Polling and IMB3 interrupt generation with vector lookup available
1.2.11 Integrated I/O System
True 5-V I/O
1.2.11.1 Time Processor Units (TPU3)
Three time processing units (TPU3)
— 16 channels each
Each TPU3 is a microcoded timer subsystem
One 6-Kbyte and one 4-Kbyte dual-port TPU RAM (DPTRAM), one (6-Kbyte) shared by two
TPU3 modules for TPU microcode and the 4-Kbyte dedicated to the third TPU3 for microcode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com