Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC565MVR56 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC565MVR56
Description  This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC565MVR56 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC565MVR56 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
MPC565/MPC566 Product Brief
MOTOROLA
MPC565 Optional Features
1.3
MPC565 Optional Features
The following features of the MPC565 are optional features and may not appear in certain configurations:
•
56-MHz operation (40-MHz is default)
•
MPC566 supports code compression
2
Differences between the MPC565 and the MPC555
The MPC565 is an enhanced version of the MPC555. Most functional features of the MPC555 are
unchanged on the MPC565. Table 2 shows the high level differences.
Table 2. Differences Between Modules of the MPC555 and the MPC565
Module
MPC555
MPC565
CPU Core
No Change
BBC
BBC
BBC with improved code compression 1
1
Available on some options.
L2U
No Change
SRAM
26-Kbytes
36-Kbyte CALRAM with overlay features
Flash
448-Kbyte CMF
1-Mbyte UC3F
(new programming, etc.)
USIU
USIU
USIU with enhanced interrupt controller
JTAG
No Change
READI
None
New Module
UIMB
No Change
QADC64
2 QADC64 (16 channels on each QADC
for 32 total channels)
2 QADC64E w/AMUXes
( 40 channels accessible from either
QADC64E)
QSMCM
(1) No Change (2)
DLCMD2 (J1850)
None
1
MIOS
MIOS1
MIOS14: MIOS1 with real-time clock
(MRTCSM), 4 more PWMSMs and 4 more
MCSMs
TouCAN
(2) No Change (3)
TPU3
(2) No Change (3)
DPTRAM
(6-Kbytes) No Change (6-Kbytes, 4-Kbytes)
Power Supplies
—
40 MHz with two power supplies:
nominal 3.3-V to 5.0-V power supplies
56 MHz with two power supplies:
5.0-V I/O, 2.6-V internal logic
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com