Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC565MVR56 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC565MVR56
Description  This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC565MVR56 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC565MVR56 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MPC565/MPC566 Product Brief
MOTOROLA
Detailed Feature List
1.2.11.2 22-Channel Modular I/O System (MIOS14)
22-channel MIOS timer (MIOS14)
Six modulus counter submodules (MCSM)
— Four additional MCSM submodules compared to MIOS1
10 double action submodules (DASM).
12 dedicated PWM submodules (PWMSM)
— Four additional PWM submodules compared to MIOS1 (shared with MIOS GPIO pins)
MIOS real-time clock submodule (MRTCSM) provides low power clock/counter
— Requires external 32-KHz crystal
— Uses four pins: two for 32-KHz crystal, two for power/ground.
1.2.12 Two Enhanced Queued Analog-to-Digital Converter
Modules (QADC64E)
Two enhanced queued analog to digital converters (QADC64E A, QADC64E B) with AMUXes
for 40 total analog channels.
10 bit A/D converter with internal sample/hold
— Typical conversion time is 4 µs (250-Kbyte samples/sec)
— Two conversion command queues of variable length
Automated queue modes initiated by:
— External edge trigger/level gate
— Software command
— Periodic/interval timer, assignable to both queue 1 and 2
64 result registers in each QADC64E module
— Output data is right or left justified, signed or unsigned
Synchronized clock mode allows both QADC64Es to see the same conversion clock. This allows
the two modules to look like one large QADC with four queues.
Conversions alternate reference (ALTREF) pin. This pin can be connected to a different reference
voltage
1.2.13 Three CAN 2.0B Controller (TouCAN) Modules
Three TouCAN modules (TouCAN_A, TouCAN_B, and TouCAN_C)
16 message buffers each, programmable I/O modes
Maskable interrupts
Programmable loopback for self-test operation
Independent of the transmission medium (external transceiver is assumed)
Open network architecture, multimaster concept
High immunity to EMI
Short latency time for high-priority messages
Low power sleep mode, with programmable wake up on bus activity
TouCAN_C pins shared with MIOS14 GPIO pins
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com