Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC565MVR56 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC565MVR56
Description  This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC565MVR56 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC565MVR56 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC565MVR56 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MOTOROLA
MPC565/MPC566 Product Brief
9
Additional MPC565 Differences
2.1
Additional MPC565 Differences
The following are additional differences between the MPC555 and the MPC565.
•
SPI (MISO, MOSI, and SCK) pin drive.
— MPC565 provides 21-ns rise/fall with 200-pf load using CMOS (20%/70%) levels
•
GPIO on MODCK1 pin outputs only 2.6 V
— MODCK1 pin is in keep-alive power section with no 5-V rail available
— 5.0-V compatibility modes
– Input is 5-V friendly
– 2.6-V output has less slew rate control
– 2.6-V: VOH = 2.3 V
•
Power supplies for external bus pins
— QVDDL is quiet supply to hold non-switching outputs quiet even when noisy supply
(NVDDL) sags
— QVDDL supplies pre-drive and other pad logic
— NVDDL only supplies final PMOS driver stage
— QVDDL and NVDDL shorted on customer board after filtering
•
Pull-up and pull-down changes during PORESET and HRESET
— All 2.6-V/5-V pads (external bus: address/data/control) pull down at reset
— All 5-V pads pull up at reset
— Additional control granularity in the PDMCR register
•
No pull-ups on QSMCM SCI receive pads
•
A_RXD1_QGPI1, A_RXD2_QGPI2, B_RXD1_QGPI1 pins do not have weak pull-up during
reset or any other time
•
CLKOUT has 3 drive strength options
— Better matches drive to requirements to reduce EMI
— 25, 50, 100 pf instead of 45 and 90 pf
•
Change reset value of ENGCLK to maximum divide (crystal/128)
— For a 4-MHz crystal, this is 31.25 KHz
– ENGCLK is selectable between 2.6 V and 5 V
•
A daisy chain between UC3F modules allows either module to provide the reset configuration
word (RCW)
•
Censorship operation
— A RCW bit controls whether or not the entire UC3F can be erased while censorship is violated
•
BBC SPRs (PPC regs) access in two clocks instead of one clock
•
CALRAM internal protection block size is 8 Kbytes
— Instead of 4 Kbytes on MPC555 LRAM
•
CALRAM causes machine check exception instead of data storage interrupt (DSI) exception in
certain cases
— For non-overlay CPU core accesses, a DSI exception is taken
— For overlay accesses and any non-core access (slave mode), a machine check exception is
taken
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com