Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLUX385ATR Datasheet(PDF) 66 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 62Page - STMicroelectronics STLUX385ATR Datasheet HTML 63Page - STMicroelectronics STLUX385ATR Datasheet HTML 64Page - STMicroelectronics STLUX385ATR Datasheet HTML 65Page - STMicroelectronics STLUX385ATR Datasheet HTML 66Page - STMicroelectronics STLUX385ATR Datasheet HTML 67Page - STMicroelectronics STLUX385ATR Datasheet HTML 68Page - STMicroelectronics STLUX385ATR Datasheet HTML 69Page - STMicroelectronics STLUX385ATR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
Device identification
STLUX385A
66/98
DocID024387 Rev 2
9
Device identification
9.1
Unique ID
The STLUX385A provides a 56-bits unique identifier code usable as device identification
number which can be used to increase the device security. The unique ID code is a frozen
signature not alterable by user.
The unique device identifier is ideally used by the application software and is suited for:
•
serial code
•
security keys in conjunction with cryptographic software to increase the embedded
flash code security
•
activating the secure boot sequence
9.2
Device ID
The STLUX385A device identification model is coded in the following register area and it
cannot be altered by the user.
The register fields have the follow meaning:
Dev_ID [7:0]:
Device identification model
0x00: STLUX385
Others: RFU reserved values
Rev_ID [4:0]:
Revision identification model
00000: STLUX385
00001: STLUX385A
Others: RFU reserved values
Table 30. Unique ID register overview
Address
Option
name
Unique ID bits
7
6543
2
1
0
48E0h
UID0
LotNum[7:0]
48E1h
UID1
LotNum[15:8]
48E2h
UID2
LotNum[23:16]
48E3h
UID3
WaferNum[4:0]
Xcoord[7:5]
48E4h
UID4
Xcoord[4:0]
Ycoord[7:5]
48E5h
UID5
Ycoord[4:0]
LotNum[42:40]
48E6h
UID6
LotNum[31:24]
48E7h
UID7
LotNum[39:32]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com