Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLUX385ATR Datasheet(PDF) 90 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controller for lighting and power conversion applications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 86Page - STMicroelectronics STLUX385ATR Datasheet HTML 87Page - STMicroelectronics STLUX385ATR Datasheet HTML 88Page - STMicroelectronics STLUX385ATR Datasheet HTML 89Page - STMicroelectronics STLUX385ATR Datasheet HTML 90Page - STMicroelectronics STLUX385ATR Datasheet HTML 91Page - STMicroelectronics STLUX385ATR Datasheet HTML 92Page - STMicroelectronics STLUX385ATR Datasheet HTML 93Page - STMicroelectronics STLUX385ATR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
Electrical characteristics
STLUX385A
90/98
DocID024387 Rev 2
10.3.11
Analog comparator characteristics
10.3.12
DAC characteristics
where:
V
fullscale
= V
fullscale
(sample, T)
V
offset
= V
offset
(sample, T)
INL = INL(sample, n)
Table 55. Analog comparator characteristics
Symbol
Parameter
Conditions
Min.(1)
1.
Data based on characterization results, not tested in production.
Typ.
Max.(1)
Unit
V
IN
Comparator input voltage
range
-40 ºC
≤ T
A
105 ºC
01.23
(2)
2.
Maximum analog input voltage cannot exceed V
DDA
.
V
V
ICPM3
Comparator 3 external input
voltage range
01.23
(2)(3)
3.
The comparator 3 can be configured with the external reference voltage signal CPM3.
V
V
offset
Comparator offset error
15
mV
t
COMP
Comparison delay time
50
ns
Table 56. DAC characteristics
Symbol
Parameter
Conditions
Min.(1)
1.
Data based on characterization results, not tested in production.
Typ.
Max.(1)
Unit
V
full scale
DAC full scale
-40 ºC
≤ T
A
105 ºC
1.2
1.26
V
V
offset
DAC offset
4
mV
V
dac
DAC out voltage
V
offset
V
full scale
mV
LSB
82
mV
INL
Integral non linearity
0.12
LSB
n[0,15]:Vdac(n)
V
ful l s c al e
V
off s et
()
15
----------------------------------------------------
n
() V
off s et
+
×
=
n[1-14]:Vdac(n)
V
fu l l s c a l e
V
of fse t
()
15
----------------------------------------------------
nI N L
+
() V
of fs et
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com