Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC9S08SH4MPJR Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 40Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 41Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 42Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 341 page
background image
Chapter 3 Modes of Operation
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
35
Table 3-2. Stop Mode Behavior
Peripheral
Mode
Stop2
Stop3
CPU
Off
Standby
RAM
Standby
Standby
FLASH
Off
Standby
Parallel Port Registers
Off
Standby
ADC
Off
Optionally On1
1 Requires the asynchronous ADC clock and LVD to be enabled, else in
standby.
ACMP
Off
Optionally On2
2 Requires the LVD to be enabled when compare to internal bangap reference
option is enabled.
BDM
Off3
3 If ENBDM is set when entering stop2, the MCU will actually enter stop3..
Optionally On
ICS
Off
Optionally On4
4 IRCLKEN and IREFSTEN set in ICSC1, else in standby.
IIC
Off
Standby
LVD/LVW
Off5
5 If LVDSE is set when entering stop2, the MCU will actually enter stop3..
Optionally On
MTIM
Off
Standby
RTC
Optionally On
Optionally On
SCI
Off
Standby
SPI
Off
Standby
TPM
Off
Standby
Voltage Regulator
Standby
Optionally On6
6 Voltage regulator will be on if BDM is enabled or if LVD is enabled when
entering stop3.
XOSC
Off
Optionally On7
7 ERCLKEN and EREFSTEN set in ICSC2, else in standby. For high frequency
range (RANGE in ICSC2 set) requires the LVD to also be enabled in stop3.
I/O Pins
States Held
States Held



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com