Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC9S08SH4MPJR Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 341 page
background image
MC9S08SH8 MCU Series Data Sheet, Rev. 3
10
Freescale Semiconductor
Section Number
Title
Page
4.5.3
Program and Erase Command Execution .........................................................................48
4.5.4
Burst Program Execution ..................................................................................................49
4.5.5
Access Errors ....................................................................................................................51
4.5.6
FLASH Block Protection ..................................................................................................51
4.5.7
Vector Redirection ............................................................................................................52
4.6
Security ............................................................................................................................................52
4.7
FLASH Registers and Control Bits .................................................................................................53
4.7.1
FLASH Clock Divider Register (FCDIV) ........................................................................54
4.7.2
FLASH Options Register (FOPT and NVOPT) ................................................................55
4.7.3
FLASH Configuration Register (FCNFG) ........................................................................56
4.7.4
FLASH Protection Register (FPROT and NVPROT) .......................................................56
4.7.5
FLASH Status Register (FSTAT) ......................................................................................57
4.7.6
FLASH Command Register (FCMD) ...............................................................................58
Chapter 5
Resets, Interrupts, and General System Control
5.1
Introduction .....................................................................................................................................59
5.2
Features ...........................................................................................................................................59
5.3
MCU Reset ......................................................................................................................................59
5.4
Computer Operating Properly (COP) Watchdog .............................................................................60
5.5
Interrupts .........................................................................................................................................61
5.5.1
Interrupt Stack Frame .......................................................................................................62
5.5.2
External Interrupt Request Pin (IRQ) ...............................................................................63
5.5.3
Interrupt Vectors, Sources, and Local Masks ....................................................................63
5.6
Low-Voltage Detect (LVD) System ................................................................................................65
5.6.1
Power-On Reset Operation ...............................................................................................65
5.6.2
Low-Voltage Detection (LVD) Reset Operation ...............................................................65
5.6.3
Low-Voltage Warning (LVW) Interrupt Operation ...........................................................65
5.7
Reset, Interrupt, and System Control Registers and Control Bits ...................................................65
5.7.1
Interrupt Pin Request Status and Control Register (IRQSC) ............................................66
5.7.2
System Reset Status Register (SRS) .................................................................................67
5.7.3
System Background Debug Force Reset Register (SBDFR) ............................................68
5.7.4
System Options Register 1 (SOPT1) ................................................................................69
5.7.5
System Options Register 2 (SOPT2) ................................................................................70
5.7.6
System Device Identification Register (SDIDH, SDIDL) ................................................71
5.7.7
System Power Management Status and Control 1 Register (SPMSC1) ...........................72
5.7.8
System Power Management Status and Control 2 Register (SPMSC2) ...........................73
Chapter 6
Parallel Input/Output Control
6.1
Port Data and Data Direction ..........................................................................................................75
6.2
Pull-up, Slew Rate, and Drive Strength ...........................................................................................76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com