Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC9S08SH4MPJR Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 341 page
background image
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
13
Section Number
Title
Page
9.4.7
MCU Stop3 Mode Operation ..........................................................................................140
9.4.8
MCU Stop1 and Stop2 Mode Operation .........................................................................141
9.5
Initialization Information ..............................................................................................................141
9.5.1
ADC Module Initialization Example .............................................................................141
9.6
Application Information ................................................................................................................143
9.6.1
External Pins and Routing ..............................................................................................143
9.6.2
Sources of Error ..............................................................................................................145
Chapter 10
Internal Clock Source (S08ICSV2)
10.1 Introduction ...................................................................................................................................149
10.1.1 Module Configuration .....................................................................................................149
10.1.2 Features ...........................................................................................................................151
10.1.3 Block Diagram ................................................................................................................151
10.1.4 Modes of Operation ........................................................................................................152
10.2 External Signal Description ..........................................................................................................153
10.3 Register Definition ........................................................................................................................153
10.3.1 ICS Control Register 1 (ICSC1) .....................................................................................154
10.3.2 ICS Control Register 2 (ICSC2) .....................................................................................155
10.3.3 ICS Trim Register (ICSTRM) .........................................................................................156
10.3.4 ICS Status and Control (ICSSC) .....................................................................................156
10.4 Functional Description ..................................................................................................................157
10.4.1 Operational Modes ..........................................................................................................157
10.4.2 Mode Switching ..............................................................................................................159
10.4.3 Bus Frequency Divider ...................................................................................................160
10.4.4 Low Power Bit Usage .....................................................................................................160
10.4.5 Internal Reference Clock ................................................................................................160
10.4.6 Optional External Reference Clock ................................................................................160
10.4.7 Fixed Frequency Clock ...................................................................................................161
Chapter 11
Inter-Integrated Circuit (S08IICV2)
11.1 Introduction ...................................................................................................................................163
11.1.1 Module Configuration .....................................................................................................163
11.1.2 Features ...........................................................................................................................165
11.1.3 Modes of Operation ........................................................................................................165
11.1.4 Block Diagram ................................................................................................................166
11.2 External Signal Description ..........................................................................................................166
11.2.1 SCL — Serial Clock Line ...............................................................................................166
11.2.2 SDA — Serial Data Line ................................................................................................166
11.3 Register Definition ........................................................................................................................166
11.3.1 IIC Address Register (IICA) ...........................................................................................167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com