Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC9S08SH4MPJR Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 117Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 118Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 119Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 120Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 121Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 122Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 123Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 124Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 341 page
background image
Chapter 8 Analog Comparator (S08ACMPV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
117
8.2
External Signal Description
The ACMP has two analog input pins, ACMP+ and ACMP- and one digital output pin ACMPO. Each of
these pins can accept an input voltage that varies across the full operating voltage range of the MCU. As
shown in Figure 8-2, the ACMP- pin is connected to the inverting input of the comparator, and the ACMP+
pin is connected to the comparator non-inverting input if ACBGS is a 0. As shown in Figure 8-2, the
ACMPO pin can be enabled to drive an external pin.
The signal properties of ACMP are shown in Table 8-1.
8.3
Memory Map
8.3.1
Register Descriptions
The ACMP includes one register:
•
An 8-bit status and control register
Refer to the direct-page register summary in the memory section of this data sheet for the absolute address
assignments for all ACMP registers.This section refers to registers and control bits only by their names .
Some MCUs may have more than one ACMP, so register names include placeholder characters to identify
which ACMP is being referenced.
Table 8-1. Signal Properties
Signal
Function
I/O
ACMP-
Inverting analog input to the ACMP.
(Minus input)
I
ACMP+
Non-inverting analog input to the ACMP.
(Positive input)
I
ACMPO
Digital output of the ACMP.
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com