Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC9S08SH4MPJR Datasheet(PDF) 199 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 199 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 195Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 196Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 197Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 198Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 199Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 200Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 201Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 202Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 203Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 341 page
background image
Chapter 13 Real-Time Counter (S08RTCV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
195
13.1.1
Features
Features of the RTC module include:
•
8-bit up-counter
— 8-bit modulo match limit
— Software controllable periodic interrupt on match
•
Three software selectable clock sources for input to prescaler with selectable binary-based and
decimal-based divider values
— 1-kHz internal low-power oscillator (LPO)
— External clock (ERCLK)
— 32-kHz internal clock (IRCLK)
13.1.2
Modes of Operation
This section defines the operation in stop, wait and background debug modes.
13.1.2.1
Wait Mode
The RTC continues to run in wait mode if enabled before executing the appropriate instruction. Therefore,
the RTC can bring the MCU out of wait mode if the real-time interrupt is enabled. For lowest possible
current consumption, the RTC should be stopped by software if not needed as an interrupt source during
wait mode.
13.1.2.2
Stop Modes
The RTC continues to run in stop2 or stop3 mode if the RTC is enabled before executing the STOP
instruction. Therefore, the RTC can bring the MCU out of stop modes with no external components, if the
real-time interrupt is enabled.
The LPO clock can be used in stop2 and stop3 modes. ERCLK and IRCLK clocks are only available in
stop3 mode.
Power consumption is lower when all clock sources are disabled, but in that case, the real-time interrupt
cannot wake up the MCU from stop modes.
13.1.2.3
Active Background Mode
The RTC suspends all counting during active background mode until the microcontroller returns to normal
user operating mode. Counting resumes from the suspended value as long as the RTCMOD register is not
written and the RTCPS and RTCLKS bits are not altered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com