Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P8044AH-R0117 Datasheet(PDF) 27 Page - InnovASIC, Inc

Part # P8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

P8044AH-R0117 Datasheet(HTML) 27 Page - InnovASIC, Inc

Back Button P8044AH-R0117 Datasheet HTML 23Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 24Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 25Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 26Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 27Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 28Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 29Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 30Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 31Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 27 of 65
1-888-824-4184
®
4.7.3
Mode 1
Mode 1 is the same as Mode 0 except that all eight bits of TL0/1 are used instead of just the lower
five bits.
4.7.4
Mode 2
Mode 2 configures TL0/1 as an 8-bit counter with automatic reload from the contents of TH0/1.
Overflow of TL0/1 causes the interrupt TF0/1 to be set and the reload to occur. The contents of
TH0/1 are not affected by the reload.
4.7.5
Mode 3
Mode 3 creates two separate 8-bit counters from TL0 and TH0. TL0 uses the Timer 0 mode bits
from TMOD, TMOD.0 through TMOD.3. TH0 is a timer only (not a counter) and uses Timer 1’s
control bits, TR1 and TF1, for operation. Timer 1 can still be used if an interrupt is not required
by switching it in and out of its own Mode 3. With TMOD.4 and TMOD.5 both high, Timer 1
will stop and hold its count.
4.7.6
Timer Mode (TMOD)
Table 15 presents the values for the Timer Mode register, which contains bits that select the mode
that the timers are to be operated in. The lower nibble controls Timer 0 and the upper nibble
controls Timer 1. Table 16 presents the timer mode select bits.
Table 15. Timer Mode Register
7
6
5
4
3
2
1
0
GATE
C/T
M1
M0
GATE
C/T
M1
M0
Bit [7]—GATE → (TMOD.7) If set, enables external gate control for Counter/Timer 1 (pin
INT1 for Counter 1). When INT1 is high, and TR1 bit is set (see TCON register), the
counter is incremented every falling edge on T1 input pin.
Bit [6]—C/T → (TMOD.6) C/T selects Timer 1 or Counter 1 operation. When set to 1, the
counter operation is performed. When cleared to 0, the register will function as a timer.
Bit [5]—M1 → (TMOD.5) Timer 1 mode selector bit.
Bit [4]—M0 → (TMOD.4) Timer 1 mode selector bit.
Bit [3]—GATE → (TMOD.3) If set, enables external gate control for Counter/Timer 0 (pin
INT0 for Counter 0). When INT0 is high, and TR0 bit is set (see TCON register), the
counter is incremented every falling edge on T0 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com