Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P8044AH-R0117 Datasheet(PDF) 35 Page - InnovASIC, Inc

Part # P8044AH-R0117
Description  SDLC Communications Controller
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

P8044AH-R0117 Datasheet(HTML) 35 Page - InnovASIC, Inc

Back Button P8044AH-R0117 Datasheet HTML 31Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 32Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 33Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 34Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 35Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 36Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 37Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 38Page - InnovASIC, Inc P8044AH-R0117 Datasheet HTML 39Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
IA8044/IA8344
Data Sheet
SDLC Communications Controller
March 30, 2010
IA211010112-04
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 35 of 65
1-888-824-4184
®
4.9.5
Interrupt Handling
The interrupt flags are sampled during each machine cycle. The samples are polled during the
next machine cycle. If an interrupt flag is captured, the interrupt system will generate an LCALL
instruction to the appropriate service routine, provided that this is not disabled by the following
conditions:
An interrupt of the same or higher priority is processed.
The current machine cycle is not the last cycle of the instruction (the instruction cannot be
interrupted).
The instruction in progress is RETI or any write to IE or IP registers.
Note: If an interrupt is disabled and the interrupt flag is cleared before the
blocking condition is removed, no interrupt will be generated because the
polling cycle will not sample any active interrupt condition. In other words,
the interrupt condition is not remembered; every polling cycle is new.
4.9.6
Interrupt Priority Register (IP)
This register sets the interrupt priority to high or low for each interrupt. When the bit is set, it
selects high priority. Within each level the interrupts are prioritized as follows:
External Interrupt 0
Timer/Counter 0
External Interrupt 1
Timer/Counter 1
SIU
An interrupt process routine cannot be interrupted by an interrupt of lesser or equal priority (see
Table 29).
Table 29. Interrupt Priority Register
7
6
5
4
3
2
1
0
–
–
–
PS
PT1
PX1
PT0
PX0
Bit [7]—(IP.7)
Bit [6]—(IP.6)
Bit [5]—(IP.5)
Bit [4]—PS → (IP.4) SIU interrupt priority bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com