| Electronic Components Datasheet Search |
|
P8044AH-R0117 Datasheet(PDF) 37 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
P8044AH-R0117 Datasheet(HTML) 37 Page - InnovASIC, Inc |
|
37 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 37 of 65 1-888-824-4184 ® three serial data link configurations, 1) half-duplex, point-to-point, 2) half-duplex, multipoint, or 3) loop mode. 4.10.1 SIU Special Function Registers The CPU controls the SIU and receives status from the SIU via 11 SFRs. The Serial Interface Unit Control Registers are detailed in the sections that follow. 4.10.2 Serial Mode Register (SMD) Table 31 presents the serial mode register, which sets the operational mode of the SIU. The CPU can read and write SMD. The SIU can read SMD. To prevent conflicts between CPU and SIU, accesses to SMD the CPU should write SMD only when RTS and RBE bits in the STS register are both zero. SMD is normally only accessed during initialization. This register is byte addressable. Table 32 presents the serial mode select clock mode bits. Table 31. Serial Mode Register 7 6 5 4 3 2 1 0 SCM2 SCM1 SCM0 NRZI LOOP PFS NB NFCS Bit [7]—SCM2 → (SMD.7) Select clock mode—Bit [2]. Bit [6]—SCM1 → (SMD.6) Select clock mode—Bit [1]. Bit [5]—SCM0 → (SMD.5) Select clock mode—Bit [0]. Bit [4]—NRZI → (SMD.4) When set selects NRZI encoding otherwise NRZ. Bit [3]—LOOP → (SMD.3) When set, selects loop configuration, else point-to-point mode. Bit [2]—PFS → (SMD.2) Pre-frame sync mode. When set, causes two bytes to be transmitted before the first flag of the frame for DPLL synchronization. If NRZI is set, 00H is transmitted, otherwise 55H. This ensures that 16 transitions are sent before the opening flag. Bit [1]—NB → (SMD.1) Non-buffered mode. No control field contained in SDLC frame. Bit [0]—NFCS → (SMD.0) When set, selects No FCS field contained in the SDLC frame. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |