| Electronic Components Datasheet Search |
|
P8044AH-R0117 Datasheet(PDF) 40 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
P8044AH-R0117 Datasheet(HTML) 40 Page - InnovASIC, Inc |
|
40 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 40 of 65 1-888-824-4184 ® 4.10.5 Station Address Register (STAD) Table 35 presents the Station Address Register, which contains the station address (node address) of the chip. The CPU can read or write STAD but should access STAD only when RTS = 0 and RBE = 0. Normally STAD is accessed only during initialization. STAD is byte addressable. Table 35. Station Address Register 7 6 5 4 3 2 1 0 STAD.7 STAD.6 STAD.5 STAD.4 STAD.3 STAD.2 STAD.1 STAD.0 4.10.6 Transmit Buffer Start Address Register (TBS) Table 36 presents the Transmit Buffer Start Address Register, which contains the address in internal RAM where the frame to be transmitted (starting with the I-field) is stored. The CPU should access TBS only when the SIU is not transmitting a frame, TBF = 0. TBS is byte addressable. Table 36. Transmit Buffer Start Address Register 7 6 5 4 3 2 1 0 TBS.7 TBS.6 TBS.5 TBS.4 TBS.3 TBS.2 TBS.1 TBS.0 4.10.7 Transmit Buffer Length Register (TBL) Table 37 presents the Transmit Buffer Length Register, which contains the length, in number of bytes, of the I-field to be transmitted. TBL = 0 is valid (no I-field). The CPU should access TBL only when the SIU is not transmitting a frame, TBF = 0. The transmit buffer will not wrap around after address 191 (BFH). A buffer end is automatically generated when address 191 is reached. TBL is byte addressable. Table 37. Transmit Buffer Length Register 7 6 5 4 3 2 1 0 TBL.7 TBL.6 TBL.5 TBL.4 TBL.3 TBL.2 TBL.1 TBL.0 4.10.8 Transmit Control Byte Register (TCB) Table 38 presents the Transmit Control Byte Register, which contains the byte to be placed in the control field of the transmitted frame during non-AUTO-mode transmission. The CPU should access TCB only when the SIU is not transmitting a frame, TBF = 0. TCB is byte addressable. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |