| Electronic Components Datasheet Search |
|
P8044AH-R0117 Datasheet(PDF) 33 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
P8044AH-R0117 Datasheet(HTML) 33 Page - InnovASIC, Inc |
|
33 / 65 page ![]() IA8044/IA8344 Data Sheet SDLC Communications Controller March 30, 2010 IA211010112-04 http://www.Innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 33 of 65 1-888-824-4184 ® Bit [2]—OV → (PSW.7) Overflow flag Bit [1]—(PSW.7) User defined flag Bit [0]—P → (PSW.7) Parity flag, affected by hardware to indicate odd/even number of ―one‖ bits in the Accumulator (i.e., even parity) The state of Bits RS1 and RS0 selects the working registers bank as presented in Table 25. Table 25. RS1/RS0 Bank Selections by State RS1/RS0 Bank selected location 00 Bank 0 (00H –07H) 01 Bank 1 (08H –0FH) 10 Bank 2 (10H –17H) 11 Bank 3 (18H –1FH) 4.8.4 Stack Pointer (SP) Table 26 presents the stack pointer, which is a 1-byte register initialized to 07H after reset. This register is incremented before PUSH and CALL instructions, causing the stack to begin at location 08H. The stack pointer points to a location in internal RAM. Table 26. Stack Pointer 7 6 5 4 3 2 1 0 SP.7 SP.6 SP.5 SP.4 SP.3 SP.2 SP.1 SP.0 4.8.5 Data Pointer (DPTR) The data pointer (DPTR) is two bytes wide. Table 27 presents the highest, which is DPH. Table 28 presents the lower part, DPL. It can be loaded as a 2-byte register (MOV DPTR,#data16) or as two registers (MOV DPL,#data8 each). It is generally used to access external code (MOVC A,@A+DPTR each) or data space (MOV A,@DPTR). Table 27. Data Pointer (High) Register 7 6 5 4 3 2 1 0 DPH.7 DPH.6 DPH.5 DPH.4 DPH.3 DPH.2 DPH.1 DPH.0 Table 28. Data Pointer (Low) Register 7 6 5 4 3 2 1 0 DPL.7 DPL.6 DPL.5 DPL.4 DPL.3 DPL.2 DPL.1 DPL.0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |