Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8347ECVRADFB Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
25
Ethernet: Three-Speed Ethernet, MII Management
8.2.1.1
GMII Transmit AC Timing Specifications
Table 25 provides the GMII transmit AC timing specifications.
Figure 9 shows the GMII transmit AC timing diagram.
Figure 9. GMII Transmit AC Timing Diagram
8.2.1.2
GMII Receive AC Timing Specifications
Table 26 provides the GMII receive AC timing specifications.
Table 25. GMII Transmit AC Timing Specifications
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
GTX_CLK clock period
tGTX
—8.0
—
ns
GTX_CLK duty cycle
tGTXH/tGTX
43.75
—
56.25
%
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
0.5
—
5.0
ns
GTX_CLK clock rise time (20%–80%)
tGTXR
——
1.0
ns
GTX_CLK clock fall time (80%–20%)
tGTXF
——
1.0
ns
Notes:
1. The symbols for timing specifications follow the pattern t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and
t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGTKHDV symbolizes GMII transmit timing (GT)
with respect to the tGTX clock reference (K) going to the high state (H) relative to the time date input signals (D) reaching the
valid state (V) to state or setup time. Also, tGTKHDX symbolizes GMII transmit timing (GT) with respect to the tGTX clock
reference (K) going to the high state (H) relative to the time date input signals (D) going invalid (X) or hold time. In general,
the clock reference symbol is based on three letters representing the clock of a particular function. For example, the subscript
of tGTX represents the GMII(G) transmit (TX) clock. For rise and fall times, the latter convention is used with the appropriate
letter: R (rise) or F (fall).
Table 26. GMII Receive AC Timing Specifications
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
RX_CLK clock period
tGRX
—8.0
—
ns
RX_CLK duty cycle
tGRXH/tGRX
40
—
60
%
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tGRDVKH
2.0
—
—
ns
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tGRDXKH
0.5
—
—
ns
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com