Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8347ECVRADFB Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
37
Local Bus
10.2
Local Bus AC Electrical Specification
Table 38 and Table 39 describe the general timing parameters of the local bus interface of the
MPC8347EA.
Table 38. Local Bus General Timing Parameters—DLL On
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
—
ns
2
Input setup to local bus clock (except LUPWAIT)
tLBIVKH1
1.5
—
ns
3, 4
LUPWAIT input setup to local bus clock
tLBIVKH2
2.2
—
ns
3, 4
Input hold from local bus clock (except LUPWAIT)
tLBIXKH1
1.0
—
ns
3, 4
LUPWAIT Input hold from local bus clock
tLBIXKH2
1.0
—
ns
3, 4
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT1
1.5
—
ns
5
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT2
3—
ns
6
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT3
2.5
—
ns
7
Local bus clock to LALE rise
tLBKHLR
—4.5
ns
—
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKHOV1
—4.5
ns
—
Local bus clock to data valid for LAD/LDP
tLBKHOV2
—4.5
ns
3
Local bus clock to address valid for LAD
tLBKHOV3
—4.5
ns
3
Output hold from local bus clock (except LAD/LDP and LALE)
tLBKHOX1
1—
ns
3
Output hold from local bus clock for LAD/LDP
tLBKHOX2
1—
ns
3
Local bus clock to output high impedance for LAD/LDP
tLBKHOZ
—3.8
ns
8
Notes:
1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus timing (LB)
for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case for clock one
(1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect to the output
(O) going invalid (X) or output hold time.
2. All timings are in reference to the rising edge of LSYNC_IN.
3. All signals are measured from OVDD/2 of the rising edge of LSYNC_IN to 0.4 × OVDD of the signal in question for 3.3 V
signaling levels.
4. Input timings are measured at the pin.
5. tLBOTOT1 should be used when RCWH[LALE] is not set and when the load on the LALE output pin is at least 10 pF less than
the load on the LAD output pins.
6. tLBOTOT2 should be used when RCWH[LALE] is set and when the load on the LALE output pin is at least 10 pF less than the
load on the LAD output pins.
7. tLBOTOT3 should be used when RCWH[LALE] is set and when the load on the LALE output pin equals the load on the LAD
output pins.
8. For active/float timing measurements, the Hi-Z or off-state is defined to be when the total current delivered through the
component pin is less than or equal to that of the leakage current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com