Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8347ECVRADFB Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
35
USB
9USB
This section provides the AC and DC electrical specifications for the USB interface of the MPC8347EA.
9.1
USB DC Electrical Characteristics
Table 35 provides the DC electrical characteristics for the USB interface.
9.2
USB AC Electrical Specifications
Table 36 describes the general timing parameters of the USB interface of the MPC8347EA.
Table 35. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD +0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
IIN
—±5
μA
High-level output voltage, IOH = –100 μAVOH
OVDD –0.2
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Table 36. USB General Timing Parameters (ULPI Mode Only)
Parameter
Symbol1
Min
Max
Unit
Notes
USB clock cycle time
tUSCK
15
—
ns
2–5
Input setup to USB clock—all inputs
tUSIVKH
4
—
ns
2–5
Input hold to USB clock—all inputs
tUSIXKH
1
—
ns
2–5
USB clock to output valid—all outputs
tUSKHOV
—
7
ns
2–5
Output hold from USB clock—all outputs
tUSKHOX
2
—
ns
2–5
Notes:
1. The symbols for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs
and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUSIXKH symbolizes USB timing (US) for
the input (I) to go invalid (X) with respect to the time the USB clock reference (K) goes high (H). Also, tUSKHOX symbolizes
USB timing (US) for the USB clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or output hold
time.
2. All timings are in reference to USB clock.
3. All signals are measured from OVDD/2 of the rising edge of the USB clock to 0.4 × OVDD of the signal in question for 3.3 V
signaling levels.
4. Input timings are measured at the pin.
5. For active/float timing measurements, the Hi-Z or off-state is defined to be when the total current delivered through the
component pin is less than or equal to that of the leakage current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com