Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8347ECVRADFB Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
65
Package and Pin Listings
Test
TEST
D22
I
OVDD
6
TEST_SEL
AL13
I
OVDD
7
PMC
QUIESCE
A18
O
OVDD
—
System Control
PORESET
C18
I
OVDD
—
HRESET
B18
I/O
OVDD
1
SRESET
D18
I/O
OVDD
2
Thermal Management
THERM0
K32
I
—
9
Power and Ground Signals
AVDD1
L31
Power for e300
PLL (1.2 V)
nominal, 1.3 V
for 667 MHz)
AVDD1—
AVDD2
AP12
Power for
system PLL
(1.2 V)
nominal, 1.3 V
for 667 MHz)
AVDD2—
AVDD3
AE1
Power for DDR
DLL (1.2 V)
nominal, 1.3 V
for 667 MHz)
——
AVDD4
AJ13
Power for LBIU
DLL (1.2 V)
nominal, 1.3 V
for 667 MHz)
AVDD4—
GND
A1, A34, C1, C7, C10, C11, C15, C23,
C25, C28, D1, D8, D20, D30, E7, E13,
E15, E17, E18, E21, E23, E25, E32,
F6, F19, F27, F30, F34, G31, H5, J4,
J34, K30, L5, M2, M5, M30, M33, N3,
N5, P30, R5, R32, T5, T30, U6, U29,
U33, V2, V5, V30, W6, W30, Y30,
AA2, AA30, AB2, AB6, AB30, AC3,
AC6, AD31, AE5, AF2, AF5, AF31,
AG30, AG31, AH4, AJ3, AJ19, AJ22,
AK7, AK13, AK14, AK16, AK18, AK20,
AK25, AK28, AL3, AL5, AL10, AL12,
AL22, AL27, AM1, AM6, AM7, AN12,
AN17, AN34, AP1, AP8, AP34
——
—
Table 55. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com