Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8347ECVRADFB Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
71
Package and Pin Listings
MPH1_PCTL0/DR_TX_VALID_PCTL0
A26
O
OVDD
—
MPH1_PCTL1/DR_TX_VALIDH_PCTL1
B25
O
OVDD
—
MPH1_CLK/DR_CLK
A25
I
OVDD
—
USB Port 0
MPH0_D0_ENABLEN/DR_D8_CHGVBUS
D24
I/O
OVDD
—
MPH0_D1_SER_TXD/DR_D9_DCHGVBUS
C24
I/O
OVDD
—
MPH0_D2_VMO_SE0/DR_D10_DPPD
B24
I/O
OVDD
—
MPH0_D3_SPEED/DR_D11_DMMD
A24
I/O
OVDD
—
MPH0_D4_DP/DR_D12_VBUS_VLD
D23
I/O
OVDD
—
MPH0_D5_DM/DR_D13_SESS_END
C23
I/O
OVDD
—
MPH0_D6_SER_RCV/DR_D14
B23
I/O
OVDD
—
MPH0_D7_DRVVBUS/DR_D15_IDPULLUP
A23
I/O
OVDD
—
MPH0_NXT/DR_RX_ACTIVE_ID
D22
I
OVDD
—
MPH0_DIR_DPPULLUP/DR_RESET
C22
I/O
OVDD
—
MPH0_STP_SUSPEND/DR_TX_READY
B22
I/O
OVDD
—
MPH0_PWRFAULT/DR_RX_VALIDH
A22
I
OVDD
—
MPH0_PCTL0/DR_LINE_STATE0
E21
I/O
OVDD
—
MPH0_PCTL1/DR_LINE_STATE1
D21
I/O
OVDD
—
MPH0_CLK/DR_RX_VALID
C21
I
OVDD
—
Programmable Interrupt Controller
MCP_OUT
E8
O
OVDD
2
IRQ0/MCP_IN/GPIO2[12]
J28
I/O
OVDD
—
IRQ[1:5]/GPIO2[13:17]
K25, J25, H26, L24, G27
I/O
OVDD
—
IRQ[6]/GPIO2[18]/CKSTOP_OUT
G28
I/O
OVDD
—
IRQ[7]/GPIO2[19]/CKSTOP_IN
J26
I/O
OVDD
—
Ethernet Management Interface
EC_MDC
Y24
O
LVDD1
—
EC_MDIO
Y25
I/O
LVDD1
11
Gigabit Reference Clock
EC_GTX_CLK125
Y26
I
LVDD1
—
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_COL/GPIO2[20]
M26
I/O
OVDD
—
TSEC1_CRS/GPIO2[21]
U25
I/O
LVDD1
—
TSEC1_GTX_CLK
V24
O
LVDD1
3
Table 56. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com