Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL6965 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 4Page - Hynix Semiconductor GL6965 Datasheet HTML 5Page - Hynix Semiconductor GL6965 Datasheet HTML 6Page - Hynix Semiconductor GL6965 Datasheet HTML 7Page - Hynix Semiconductor GL6965 Datasheet HTML 8Page - Hynix Semiconductor GL6965 Datasheet HTML 9Page - Hynix Semiconductor GL6965 Datasheet HTML 10Page - Hynix Semiconductor GL6965 Datasheet HTML 11Page - Hynix Semiconductor GL6965 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
GL6965
8
Test Circuit (continued)
4.
T
G ,
T
DR
l Transmit Gain,
|
V
/
V
|
log
20
=
IN
OUT
T
G
(dB)
l Transmit Dynamic Range:
OUT
T
V
=
DR
(Vp-p)
at
OUT
V
: DIST= 4%
5.
R
G ,
R
DR
l Receiving Gain,
|
V
/
V
|
log
20
=
IN
OUT
R
G
(dB)
l Receiving Dynamic Range:
OUT
R
V
=
DR
(Vp-p)
at
OUT
V
: DIST= 10%
6.
MF
G
,
MF
DR
l MF Gain,
|
V
/
V
|
log
20
=
IN
OUT
MF
G
(dB)
l MF Dynamic Range:
OUT
MF
V
=
DR
(Vp-p)
at
OUT
V
: DIST= 4%
1
L
2
L
1
R
2
R
L
I
PADC
V
A
1
L
2
L
IN
V
1
T
2
T
OUT
V
Vcc
PADC
SW
10K
20K
25K
100K
R
1
L
2
L
L
V
1
R
2
R
55nF
T(+)
L
I
PADC
V
A
1
L
L
2
L
GND
IN
V
1
T
2
T
OUT
V
Vcc
PADC
SW
10K
20K
100K
25K
1
L
2
L
L
V
1
R
2
R
55nF
MF
L
I
PADC
V
A
1
L
L
2
L
GND
IN
V
1
T
2
T
OUT
V
Vcc
PADC
SW
10K
20K
25K
100K
NUTE
600Ù
600Ù
600Ù



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com