Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL6965 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL6965 Datasheet HTML 1Page - Hynix Semiconductor GL6965 Datasheet HTML 2Page - Hynix Semiconductor GL6965 Datasheet HTML 3Page - Hynix Semiconductor GL6965 Datasheet HTML 4Page - Hynix Semiconductor GL6965 Datasheet HTML 5Page - Hynix Semiconductor GL6965 Datasheet HTML 6Page - Hynix Semiconductor GL6965 Datasheet HTML 7Page - Hynix Semiconductor GL6965 Datasheet HTML 8Page - Hynix Semiconductor GL6965 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GL6965
1
GL6965
Telephone Speech Network with Dialer Interface
Description
The GL6965 is a bipolar integrated circuit for
use in electronic telephones.
The GL6965 has low operating voltage, it pro-
vides an excellent branch performance.
It has line voltage increasing circuit by the
exter-nal terminal. Transmitting and receiving
gains automatically vary according to the line
current.
Pin Configurations
Features
• Externally adjustable transmitting,
receiving and Sidetone gains.
• Switching between transmitting output
and DTMF output is possible.
• Direct interface with light and compact
ceramic transmitter-receiver is possible.
• Receiver follow impedance type can
also be used.
• Gain is automatically controlled accor-
ding to the line current (Auto-PAD
function).
• The line voltage can be increased by
the external terminal (Up function).
• PKG is 20 pin DIP.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
L
V
TO1
TO0
AC BIAS
MFI
TPO
TPI 1
TPI 2
MUTE
GND
CC
V
RO 1
RO 2
BT 1
RPO
RPI 1
RPI 2
REF
PADC
UP


Similar Part No. - GL6965

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6962 HYNIX-GL6962 Datasheet
108Kb / 12P
Low Voltage Universal Speech Network
GL6962A HYNIX-GL6962A Datasheet
108Kb / 12P
Low Voltage Universal Speech Network
More results

Similar Description - GL6965

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
SPEECH NETWORK WITH DIALER INTERFACE
logo
Integral Corp.
IL6965 INTEGRAL-IL6965 Datasheet
2Mb / 24P
Telephone Speech Network with Dialer Interface
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Samsung semiconductor
KA8504 SAMSUNG-KA8504 Datasheet
55Kb / 4P
SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KK6965 KODENSHI-KK6965 Datasheet
2Mb / 24P
Telephone Speech Network with Dialer Interface
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Motorola, Inc
MC34014 MOTOROLA-MC34014 Datasheet
828Kb / 17P
TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com