Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL6965 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 3 Page - Hynix Semiconductor

  GL6965 Datasheet HTML 1Page - Hynix Semiconductor GL6965 Datasheet HTML 2Page - Hynix Semiconductor GL6965 Datasheet HTML 3Page - Hynix Semiconductor GL6965 Datasheet HTML 4Page - Hynix Semiconductor GL6965 Datasheet HTML 5Page - Hynix Semiconductor GL6965 Datasheet HTML 6Page - Hynix Semiconductor GL6965 Datasheet HTML 7Page - Hynix Semiconductor GL6965 Datasheet HTML 8Page - Hynix Semiconductor GL6965 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
GL6965
3
Parameter
Sym
-bol
Test
Cir-
cuit
Test Conditon
Min,.
Typ.
Max.
Unit
Line
Voltage
Rise
up
Amount
L
V
2
IL=20mA
1.1
1.5
2.1
V
IL=20mA
43
46
48
dB
Transmit Gain
T
G
4
IL=120mA
KHz
1
f
=
dBV
55
Vin
=
40
43.2
45
dB
IL=20mA
40
43.5
46
dB
Receiving Gain
R
G
5
IL=120mA
KHz
1
f
=
dBV
55
Vin
=
34.5
38
40.5
dB
IL=20mA
24
26.8
28
dB
MF Gain
MF
G
6
IL=120mA
KHz
1
f
=
dBV
30
Vin
=
21.5
24
25.5
dB
IL=20mA
21
24
27
dB
Beep Gain
BP
G
8
IL=120mA
KHz
1
f
=
dBV
30
Vin
=
21.5
24.5
27.5
dB
IL=20mA
2.0
p
.
p
V
Transmit Dynamic Range
RT
D
4
IL=120mA
Distortion
Ratio 4%
4.0
p
.
p
V
IL=20mA
3.0
p
.
p
V
Receiving Dynamic Range
RR
D
5
IL=120mA
Distortion
Ratio 10%
6.0
p
.
p
V
MFI Input Resistance
ZI(MF)
21
30
k
BTI Input Resistance
ZI(BP)
7
10
k
AC
BIAS
Input
Resistance
ZI(AB)
21
30
k
MUTE
Terminal
High
Level
Input Voltage
)
MU
(
VIH
IL=20mA-120mA
CC
V
-
0.5
CC
V
V
MUTE
Terminal
Low
Level
Input Voltage
)
MU
(
VIL
IL=20mA-120mA
0
0.2
V
Reference data
Parameter
Symbol
Test
Cir-
cuit
Test Condition
Typ
Unit
IL=20mA
0.66
V
Internal Reference Voltage
REF
V
3
IL=120mA
2.8
V
RO1, RO2 Output Impedance
RO
Z
IL=30mA
f=1KHz
200
IL=20mA
14.5
dB
Total Receiving Gain
R
G
(Total)
11
IL=120mA
(Balancing Network
circuit included.)
9.0
dB
MUTE Terminal Input Current
)
MU
(
IIL
9
IL=20mA
VIL=0.2V
-50
µA
UP Terminal Input Current
)
MP
(
IIL
10
IL=20mA at GND connection
-35
µA
AC Impedance
|Z|TEL
IL=50mA
f=1KHZ
580
Phase
θ
IL=50mA
f=1KHZ
3
DEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com