Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL6965 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GL6965 Datasheet HTML 1Page - Hynix Semiconductor GL6965 Datasheet HTML 2Page - Hynix Semiconductor GL6965 Datasheet HTML 3Page - Hynix Semiconductor GL6965 Datasheet HTML 4Page - Hynix Semiconductor GL6965 Datasheet HTML 5Page - Hynix Semiconductor GL6965 Datasheet HTML 6Page - Hynix Semiconductor GL6965 Datasheet HTML 7Page - Hynix Semiconductor GL6965 Datasheet HTML 8Page - Hynix Semiconductor GL6965 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GL6965
4
Pin Descriptions
Pin No.
Symbol
Function
Explanation
1
VL
Line Current flow-in and
Line Voltage terminal
Connected to positive output of diode bridge circuit. DC
potential of this terminal determines line voltage and if AC
signal is not input, the highest DC potential appears.
Transmit output signal and output signal of opposite transfer
side are intermingled and output at this terminal in actual use.
2
TOI
Current flow-in terminal
of transmit output
Connected to VL terminal (
pin) through 43
. Since
almost all the line currents flow in from this terminal, set
allowable power of resistance 43
to be connected to VL
terminal from this terminal considering the maximum line
cur-rent expected to be used.
3
TOO
Current output terminal
of transmit output
Connected to GND terminal (
pin) through 15
. Since
almost all the line currents flow out from this terminal, set
allowable power of resistance 15
to be connected to GND
terminal from this terminal considering the maximum line
cur-rent expected to be used.
Transmit signal is sent from this terminal. Signal of this ter-
minal varies current which is input from line through con-
nected resistance 15
, and makes it be output at VL
terminal (
pin)
4
AC
Bias
AC signal reference
Voltage terminal
When AC signal is input to this terminal through capacitor
(for blocking DC), signal is sent to line, Input from this ter-
minal is output to line without any relation to gain control
(PAD) or MUTE since this input does not pass through gain
control circuit or MUTE function
5
MFI
Input terminal of DTMF
or external input signal
Signal which is input to this terminal is output at VL terminal
(
pin) only when MUTE terminal (
pin) is in “L” state.
Since this terminal is biased to almost the same potential as
REF terminal (
pin), avoid direct impressing external
DC potential by using capacitor at inputting external terminal.
6
TPO
Output terminal of
transmit input Amp.
Makes negative feedback to TPI1 terminal (
pin)
7
TPI1
Inversion input terminal
of transmit input Amp.
Receives negative feedback from TPO terminal (
pin)
8
TPI2
Non-inversion
input
terminal of transmit input
Amp.
Applies DC bias to this terminal from REF terminal (
pin)
through resistance
1
1
1
10
9
13
7
6
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com