Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL6965 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 5 Page - Hynix Semiconductor

  GL6965 Datasheet HTML 1Page - Hynix Semiconductor GL6965 Datasheet HTML 2Page - Hynix Semiconductor GL6965 Datasheet HTML 3Page - Hynix Semiconductor GL6965 Datasheet HTML 4Page - Hynix Semiconductor GL6965 Datasheet HTML 5Page - Hynix Semiconductor GL6965 Datasheet HTML 6Page - Hynix Semiconductor GL6965 Datasheet HTML 7Page - Hynix Semiconductor GL6965 Datasheet HTML 8Page - Hynix Semiconductor GL6965 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
GL6965
5
Pin No.
Symbo
l
Function
Explanation
9
MUTE
MUTE terminal
Switching terminal of transmit signal with MFI input signal
in transmitting system.
Switching terminal of receiving signal with BTI input signal
in receiving system.
“L” State—Signal which is input from MFI is output to
VL terminal (
pin)
Signal which is input from BTI is output to
terminals RO1 and RO2.
“H” or “ OPEN” state
Transmitting input signal is output to VL terminal
(
pin). Receiving input signal is
output to terminals RO1 and RO2 (
pin,
pin)
This terminal is pulled up by constant-current circuit
10
GND
Ground terminal
Connected to negative output of diode bridge circuit.
11
UP
DC impedance control
terminal
When this terminal is connected to GND terminal (
pin)
directly or through resistance. DC potential of VL terminal
(
pin) can be in-creased up to max. 1.5V (TYP.) in the
same line current.
This function has no relation to the state of MUTE terminal.
12
PADC
Pad control terminal
When this terminal is connected to GND terminal (
pin)
or
CC
V
terminal (
pin) through resistance, operation cur-
rent of gain control (Auto-PAD) performed by line current
can be controlled.
13
REF
Internal reference voltage
Output terminal
Voltage of this terminal is used as a reference voltage of in-
ternal amplifiers.
Never used this terminal for an external power supply.
14
RPI2
Non-inversion input
terminal
of receiving Input Amp.
Apply DC bias to this terminal from REF terminal
(
pin) through resistance.
15
RPI1
Inversion Input terminal
of receiving input Amp.
Receives negative feedback from RPO terminal (
pin).
16
RPO
Output terminal of
Receiving input Amp.
Makes negative feedback to RPI1 terminal (
pin).
17
BTI
Dial confirmation sound
(Beep Tone, DTMF),
monitor
sound input terminal
Signal which is input to this terminal is output to terminals
RO1 and RO2 (
pin and
pin) only when MUTE ter-
minal (
pin) is in
“L” state. Since this terminal is biased
to about the same potentialas REF terminal (
pin), avoid
direct impressing external DC voltage through capacitor at
in-putting external signal
18
RO2
Receiving output terminal
Inversion output
Output terminal to receiver. Signal of which phase is
negative to RO1 terminal (
pin), is output.
19
RO1
Receiving output terminal
Non-inversion output
Output terminal to receiver, Signal of which phase is
negative to RO2 terminal (
pin), is output
20
CC
V
Internal power supply
voltage terminal
Power supply of internal amplifiers
1
1
1
19
18
10
10
20
13
16
15
19
18
19
18
9
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com