Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1126 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics AN1126 Datasheet HTML 10Page - STMicroelectronics AN1126 Datasheet HTML 11Page - STMicroelectronics AN1126 Datasheet HTML 12Page - STMicroelectronics AN1126 Datasheet HTML 13Page - STMicroelectronics AN1126 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Electrical Specifications and Performance:
Input Voltage range
8V-30V
Output Voltage
5.1V
±3% (Line, Load and Temperature)
Output Voltage Ripple
47mV (0.92%/Vo)
Output Current range
0 to 7A
Max Output Ripple current
15%
Min Iomax Current limit
8A
Switching frequency
200kHz
Efficiency
87% @ 7A Vin = 24V
Table 2. Output voltage selection
L4973D3.3
Vo (V)
R3 (K
Ω)R4 (KΩ)
3.3
0
4.7
5.1
2.7
4.7
L4973D5.1
5.1
0
4.7
Main Components Description.
It follows a description of the chosen out-
put and input capacitor and of the induc-
tor for each of the two sections.
Input Capacitors
The input capacitors have to be able to support the maximum input operating voltage of the device and
the maximum RMS input current.
At full load, Io = 7A and duty cycle of 50% the RMS current flowing through the input capacitors is
maximum and is given by Io/2 . So the RMS current to be sustained is 3.5A.
The two selected capacitor, FA 680
µF/50V Panasonic, are able to support this current.
Inductor Selection
The minimum duty cycle is:
Dmin = (Vo + Vf )/(Vin max + Vf )= 0.184
where Vf is the freewheeling diode forward voltage.
The inductor ripple current is fixed at 15% of Iomax and it is 0.525A.
The inductor needed for each of the two sections is:
L
=
(Vo + Vf) ⋅ (1 – Dmin
)
∆Io ⋅ fsw
= 43µH
The L
⋅ Io2 is 0.533 and the size core chose is 77120 (125µ) Magnetics KoolMµ material. In order to
compensate a 40% reduction of inductance at full load due to the DC current level, it is necessary to
wire 34 turns, which correspond to 84
µH of inductance at light load.
01234
5678
70
75
80
85
90
95
Io [A]
η [%]
Vo=5.1V
fsw=200kHz
10V
15V
24V
12V
Vcc=8V
20V
Figure 16. Board efficiency vs. output current.
AN1126 APPLICATION NOTE
10/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com