Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1126 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1126 Datasheet HTML 1Page - STMicroelectronics AN1126 Datasheet HTML 2Page - STMicroelectronics AN1126 Datasheet HTML 3Page - STMicroelectronics AN1126 Datasheet HTML 4Page - STMicroelectronics AN1126 Datasheet HTML 5Page - STMicroelectronics AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Multiphase Benefits
The main benefits are :
Minimization of the RMS current through the input capacitor therefore increasing of the efficiency and
reducing of the capacitor cost and size.
Minimization of ripple current through the output capacitor and ground path.
Fast load transient response.
Improved reliability /MTBF.
RMS current through the input capacitor are equivalent in Case 1) and Case 2). Even though the cir-
cuitry of Case 2) is simplifier than Case 1), Case 1) provides the opportunity to optimize this ripple cur-
rent.
Minimization of the RMS Current Through the Input Capacitor.
In Case 1) , Figure 3 shows the RMS current through the input capacitor, referred to the output current
(Iout), for various phase delays,
α , of the two PWM sections. This assumes a duty cycle of 0.5 and a
ripple current through the coil of 0.1
⋅ Iout.
For
α equal to a half period (180 degrees of phase delay) the RMS current is approximately zero. If the
two PWM signals are synchronized the RMS value is Irms = Iout/2. For example if Vout = 5V and
Iout = 7A the Output Power is 35W. If the Input capacitor has an ESR of 100mOhm the phase delay
allows a savings of 1.23W which corresponds to the 3.5% of the power delivered to the load.
Assuming the same duty cycle for the two sections, the RMS Current through the input filter for different
duty cycle, considering a phase delay of the second PWM signal equal to the Ton of the first section (
Case 2) ), is given approximately (the output current ripple can be negleted for this calculation) by the
following formula:
IRMS
(
α) =
√

Iout
2
⋅ √
2
⋅ δ 
2
− (Iout ⋅ δ)2
if
δ ≤ 0.5
√
Iout
2
⋅ √
2
⋅ (3 ⋅ δ −1) 
2
− (iout⋅
δ)2
if
δ > 0.5
Multiphase (1)
where
δ = duty cycle
time
α=0 °
α=180°
α=120°
α=90°
α=40 °
0
0
Iout/2
- Iout/2
[ A ]
Figure 5. RMS current through the input capacitor for a different phase delay,
α , with a duty
cycle of 0.5.
AN1126 APPLICATION NOTE
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com