Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1126 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1126 Datasheet HTML 1Page - STMicroelectronics AN1126 Datasheet HTML 2Page - STMicroelectronics AN1126 Datasheet HTML 3Page - STMicroelectronics AN1126 Datasheet HTML 4Page - STMicroelectronics AN1126 Datasheet HTML 5Page - STMicroelectronics AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Iout is the total output current equal to the sum of the individual output currents delivered from the two
sections.
If the PWM signals are synchronized without any delay, the RMS current through the input filter as a
function of duty cycle is :
Irmssync
(δ) =

(Iout ⋅ √δ )2 − (Iout δ)2
synchronized (2)
Figure 7 shows Equations (1) and (2) versus the duty cycle.
The maximum RMS current with synchronized PWMs is 1/2 of the total output current and it is obtained
for
δ = 0.5.
In contrast, considering the multiphase PWM, the RMS value is 0 with
δ = 0.5 and the max value of the
RMS value is 1/4 of the total output current. So the maximum RMS current with multiphased PWMs
is a half of that syncronized PWMs.
For every duty cycle condition the RMS current with multiphase application is lower than the case with
synchronized PWMs and it is quite regular for different duty cycles.
It allows to optimize the input capacitor for the real working condition. In the synchronized case the input
capacitor has to be dimensioned for the worst case of
δ = 0.5 that can be far from the real working con-
ditions.
0
t
0
0
1
PWM1
PWM2
t
0
1
PWM1
PWM2
0
0
1
PWM1
PWM2
t
δ<0.5
δ=0.5
δ>0.5
Figure 6. Input current of the two sections for different duty cycle.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
Irms (
)
δ
Irmssync
(
)
δ
δ
Iout
Iout/2
Iout/4
3Iout/4
Irms
Irmssync
[ A ]
Figure 7. RMS current through the input capacitor with synchronization and with multiphase.
AN1126 APPLICATION NOTE
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com