Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1126 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1126 Datasheet HTML 1Page - STMicroelectronics AN1126 Datasheet HTML 2Page - STMicroelectronics AN1126 Datasheet HTML 3Page - STMicroelectronics AN1126 Datasheet HTML 4Page - STMicroelectronics AN1126 Datasheet HTML 5Page - STMicroelectronics AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Case 1) Programmable Phase Delay.
Fig. 3 shows how to program a phase delay with a monostable multivibrator whose on time is equal to
the desired phase delay.
Case 2) Fixed Phase Delay.
Figure 3 shows a method of setting a delay time for the 2nd PWM section to be slightly larger than the
ON-time of the 1st PWM section.
Vcc
U1
L4973D3.3
GND
OSC
SYNC
Vref=5.1
C2
R1
U2
L4973D3.3
GND
OSC
SYNC
M74HC123
Vcc CLR
_
1Q
1A
GND
1B
Vcc
0
U1
t
0
U2
α
PWM OUTPUTS
Figure 3. Case 1) Programmable Phase Delay.
SYNC
Vref=5.1
Vout
L
Cout
OUT1
U1
L4973D3.3
OUT2
U2
L4973D3.3
Rs
Rs
L
Vcc
Vcc
Vcc
OSC
OSC
R1
C2
0
U1
t
0
U2
18V
*
* necessary if Vcc>18V
PWM OUTPUTS
Figure 4. Case 2) Programmable Phase Delay.
AN1126 APPLICATION NOTE
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com