Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1126 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1126 Datasheet HTML 1Page - STMicroelectronics AN1126 Datasheet HTML 2Page - STMicroelectronics AN1126 Datasheet HTML 3Page - STMicroelectronics AN1126 Datasheet HTML 4Page - STMicroelectronics AN1126 Datasheet HTML 5Page - STMicroelectronics AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
current delivered from the first section. An op-amp compares the voltage drop through Rs which is pro-
portional to the current delivered from the U2 section with the voltage drop across Rs proportional to the
current delivered from the U1 section. The Cin and Rin components introduce a pole and a zero in the
current loop which allows integration of the error signal. The current loop regulates I
+ equal to I- . As a
result the output current delivered to the load is Iout = 2I- = 2I+ for every load condition.
Current Sharing Accuracy
The accuracy of the current sharing between the two sections depends on the op-amp offset voltage,
Voff, and the value of Rs and its accuracy . The offset voltage introduce an error in the sensing voltage ,
Vs=Rs Iout/2 . The relative percentage current error due to the offset is given by :
e%= (
∆ I/I) ⋅ 100 = (Voffset ⋅ 100) / (Rs ⋅ Iout)
This error is minimum at maximum load. The larger the value of Rs, the smaller the error. Rs must be
chosen as a compromise between error minimization and system efficiency.
For example with Iout = 7A choosing Rs = 25m
Ω ,considering a maximum offset voltage of 3mV
(LM358A), the maximum relative percentage error is 1.7% (120mA @ Iout = 7A).
The total error is given by the sum of this error plus the error due to the sensing resistor ( which corre-
sponds to its accuracy of 1% ). So the maximum error is 2.7% (190mA @Iout = 7A)
Layout Hints
The PCB layout requires some care. The power paths of the two sections must be as short and sym-
metrical as possible. The current sensing wires must be parallel and short to avoid induced noises. The
sensing resistor must be non inductive. The ground pins of the two devices must be at the same voltage
and connected to the output ground point.
Syncronization or Multiphase
In a current sharing application the two sections can be synchronized. This permits a reduction of noise
induced from one section to another. In this case a single RC network can be used for both the oscilla-
tors and the two SYNC pins are connected.
In many application, instead of synchronizing the two oscillator, it is useful to introduce a delay between
the two PWM signals in order to achieve a multiphase application. The phase shift between the two
PWM signals can be easily achieved by two methods :
I +
L
OUT
U1
L497x
COMP
GND
COMP
OUT
to the
current
FB
U2
L497x
Cout
Vout
Rs
Rs
L
I -
FB
Vcc
Vcc
GND
GND
Vcc
GND
to the
current
FB
Figure 2. Layout hints.
AN1126 APPLICATION NOTE
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com