Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1830 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1830 Datasheet HTML 2Page - STMicroelectronics AN1830 Datasheet HTML 3Page - STMicroelectronics AN1830 Datasheet HTML 4Page - STMicroelectronics AN1830 Datasheet HTML 5Page - STMicroelectronics AN1830 Datasheet HTML 6Page - STMicroelectronics AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics AN1830 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
2.3 OPERATING MODES
The amplifier functions in different modes depending on the state of the digital control signals
AMPSEL and AMPCAL. These are explained below,
1) Analog input going directly to Amplifier output (Amplifier OFF)
When the amplifier is OFF, the ADC gets connected to the selected analog channel
through sample and hold circuitry. In this the case analog input goes directly to the Am-
plifier output. The maximum and minimum input that can be given is VDD and VSS respec-
tively with a resolution of 10 bits, which is equal to VDD/1024.
The state of control signals for this mode should be:
AMPSEL = 0
AMPCAL = 0
2) Analog input amplified and appearing at Amplifier output (Amplifier ON)
In this case amplifier is ON thus ADC input is,
VOUT(Amplifier) = VOFFSET + 8 x VIN
The maximum voltage that can be applied at the analog input (VIN) is 500mV at VDD = 5V
and 350mV at VDD =3.6V with a resolution of 13 bits. The 13-bit resolution is because the
minimum signal that can be measured when the amplifier is ON, is 0.6103mV at 5V (e.g.
0.6103 x 8 (23)= 4.8828 = 1LSB for 10-bit ADC) and 0.4394mV at 3.6V.
This maximum input voltage limitation is due to the nonlinearity of the amplifier as shown
in Figure 4 in the amplifier transfer curve for 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com