Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1830 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1830 Datasheet HTML 1Page - STMicroelectronics AN1830 Datasheet HTML 2Page - STMicroelectronics AN1830 Datasheet HTML 3Page - STMicroelectronics AN1830 Datasheet HTML 4Page - STMicroelectronics AN1830 Datasheet HTML 5Page - STMicroelectronics AN1830 Datasheet HTML 6Page - STMicroelectronics AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AN1753/0405
1/15
Rev. 1.0
AN1830
APPLICATION NOTE
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION
WITH ST7LITE2 ADC
1 INTRODUCTION
The purpose of this application note is to show users of the ST7LITE2 ADC how to achieve 13-
bit resolution with the internal amplifier. It also explains the software methodology, which can
be applied to find and cancel the amplifier offset error. A reference application is shown with
implementation of hardware and software filtering techniques (using an averaging algorithm)
to minimize the ADC error.
Please note the data provided with this application note is for reference only, measured in a
lab under typical conditions (unless specified otherwise) and not tested in production.
2 ST7LITE2 ADC OVERVIEW
The ST7LITE2 features a 10-bit successive approximation converter with internal sample and
hold circuitry. The ADC is connected to 7 multiplexed analog input channels which allow 7 pins
on Port B to be used as input for the ADC. The ADC can be turned ON/OFF using the ADON
bit, which can help to reduce consumption when not in use.
In addition to this it also provides an internal amplifier which can be used for small signal am-
plification.
2.1 ADC FUNCTIONALITY
The ADC can be connected to any of the analog channels by using the CH[2:0] bits in the AD-
CCSR Register. This analog input is connected to internal sample and hold circuitry. The
output of which is then converted into a 10-bit digital result via successive approximation (refer
to Figure 1). The result of the conversion is stored in a 10-bit Data Register (ADCDRH + AD-
CDRL).
The analog supply pins VDDA and VSSA are the same as VDD and VSS for ST7LITE2.
1


Similar Part No. - AN1830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1800 STMICROELECTRONICS-AN1800 Datasheet
76Kb / 7P
STR71x BSPI USED AS A UART
Rev. 3
AN1809 STMICROELECTRONICS-AN1809 Datasheet
115Kb / 8P
STR71x ADC DRIVING AN ANALOG KEYBOARD
Rev. 2
AN1810 STMICROELECTRONICS-AN1810 Datasheet
109Kb / 8P
STR71x BSPI COMMUNICATION WITH M25P10-A SERIAL FLASH
Rev. 2.0
logo
Motorola, Inc
AN1812 MOTOROLA-AN1812 Datasheet
465Kb / 16P
Freescale Semiconductor, Inc.
logo
STMicroelectronics
AN1812 STMICROELECTRONICS-AN1812 Datasheet
328Kb / 34P
In general the ADC embedded in the ST7 microcontroller
13-Sep-2005
More results

Similar Description - AN1830

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9281 AD-AD9281 Datasheet
406Kb / 19P
Dual Channel 8-Bit Resolution CMOS ADC
REV.E
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
Omron Electronics LLC
E2CA OMRON-E2CA Datasheet
588Kb / 12P
Linear Output Proximity Sensor with High-accuracy Resolution
logo
Analog Devices
AD9281ARSZ AD-AD9281ARSZ Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
Rev. F
AD9281ARSRL AD-AD9281ARSRL Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281 AD-AD9281_15 Datasheet
329Kb / 15P
Dual Channel 8-Bit Resolution CMOS ADC
REV. F
logo
Linear Technology
LTC2440 LINER-LTC2440_15 Datasheet
367Kb / 28P
24-Bit High Speed Differential ADC with Selectable Speed/Resolution
logo
Xilinx, Inc
DS587 XILINX-DS587 Datasheet
754Kb / 20P
Selectable ADC resolution
logo
TE Connectivity Ltd
MS5837-02BA01 TEC-MS5837-02BA01 Datasheet
631Kb / 16P
High-resolution module, 13 cm
logo
Microchip Technology
DSPIC33CK64MP105 MICROCHIP-DSPIC33CK64MP105 Datasheet
4Mb / 530P
16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Resolution PWM
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com