Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1830 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1830 Datasheet HTML 1Page - STMicroelectronics AN1830 Datasheet HTML 2Page - STMicroelectronics AN1830 Datasheet HTML 3Page - STMicroelectronics AN1830 Datasheet HTML 4Page - STMicroelectronics AN1830 Datasheet HTML 5Page - STMicroelectronics AN1830 Datasheet HTML 6Page - STMicroelectronics AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
2.2.1 AMPLIFIER OUTPUT OFFSET(VOFFSET): A Design Factor
A deliberate offset has been introduced in the design of the ST7LITE2 amplifier because in its
absence, for the 0V input, the amplifier goes into saturation and the final stage driver transistor
inside the amplifier can’t drive the capacitive load inside the ADC within the sampling period.
This phenomenon also leads to nonlinearity in the transfer curve around 0V input. By intro-
ducing the offset, the driver transistor is kept in the active region and this problem is avoided.
Therefore the amplifier offset is a design factor and not an error.
2.2.1.1 AMPLIFIER OFFSET VARIATION WITH RESPECT TO TEMPERATURE
One more important point is offset variation with respect to temperature. The offset is quite
sensitive to temperature variations. In order to ensure a good reliability in measure-
ments, the offset must be recalibrated periodically i.e. may be after “N” seconds while ap-
plication is running depending on application requirement and temperature variation.
Table 1 Typical offset variation at 5V VDD with respect to temperature (1LSB= 4.88mV)
2.2.2 AMPLIFIER GAIN
The typical gain of the amplifier is 8 by design, which is a ratio result of 2 on-chip resistors. The
mismatch in these 2 resistors can create gain error, depending on the voltage coefficient and
temperature. The measured gain error, including ADC inaccuracies is around 6% at 25 0C.
2.2.3 TOTAL UNADJUSTED ERROR (TUE)
The TUE is a maximum deviation between the actual and the ideal transfer curves.
Table 2 below shows the Total Unadjusted Error for different VDD and VIN (Max) when the am-
plifier is ON without applying any software or hardware filtering over the temperature range –
40°C to +90°C. This is a global TUE since it includes ADC, Amplifier gain, Application and
Offset Errors. This can be reduced using the method explained in Section 3.
Table 2 Total Unadjusted Error (Temperature: –40°C to +90°C)
2.2.4 TOTAL ERROR IN PERCENTAGE (TE%)
This section presents 2 graphs showing the total precision error with respect to VIN for TUE
equal to ±10 LSB. The graphs (Figure 2 and Figure 3) show the variation in error with respect
to VIN.
Temperature in 0C
-45
-20
+25
+90
Error in LSB
-12
-7
0
+13
VDD
VIN (Max)
TUE
3.6V
350mV
± 10 LSB
5.0V
500mV
± 10 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com