Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1830 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1830 Datasheet HTML 1Page - STMicroelectronics AN1830 Datasheet HTML 2Page - STMicroelectronics AN1830 Datasheet HTML 3Page - STMicroelectronics AN1830 Datasheet HTML 4Page - STMicroelectronics AN1830 Datasheet HTML 5Page - STMicroelectronics AN1830 Datasheet HTML 6Page - STMicroelectronics AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
DATA REGISTER HIGH (ADCDRH)
This read only register provides MSB D[9:2] of the A/D conversion result.
AMP CONTROL/DATA REGISTER LOW (ADCDRL)
The read/write register can be used to:
- Provide LSB D[1:0] of the A/D conversion result.
- Select amplifier functionality: Amplifier select and Calibration (AMPSEL and AMPCAL)
- To configure fADC along with the SPEED bit in the ADCCSR register (SLOW)
For a detailed description of each bit, refer to the ST7LITE2 datasheet.
2.2 UNDERSTANDING THE ADC INTERNAL AMPLIFIER
The purpose of the amplifier is to amplify an input voltage at analog input by a factor of 8. The
amplifier output is fed to the ADC. The amplifier introduces an offset at the output (VOFFSET).
Thus the output becomes:
VOUT(Amplifier) = VOFFSET + 8 x VIN
where,
VOFFSET is the output offset voltage of the amplifier.
VIN is the amplifier input voltage (= AINx). Its range depends on the VDD supply voltage.
The amplifier is switched ON by the ADON bit in the ADCCSR register, so no additional start-
up time is required when the amplifier is selected by the AMPSEL bit.
You can also switch between the direct input and the amplified input i.e. the output of the am-
plifier can be either equal to its input or equal to the amplified output. This is controlled by the
control signal AMPSEL.
7
0
D9
D8
D7
D6
D5
D4
D3
D2
7
0
0
0
0
AMP
CAL
SLOW
AMP-
SEL
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com