Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1830 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1830 Datasheet HTML 6Page - STMicroelectronics AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics AN1830 Datasheet HTML 10Page - STMicroelectronics AN1830 Datasheet HTML 11Page - STMicroelectronics AN1830 Datasheet HTML 12Page - STMicroelectronics AN1830 Datasheet HTML 13Page - STMicroelectronics AN1830 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
3.3 HARDWARE FILTERING
Figure 6 shows the hardware setup used in the reference application.
To minimize the effect of external noise (on the supply and input signal), shielded core wire is
used with capacitors C1 = C2 = 0.01µF, C3 = 1000µF, C4 =100µF. These capacitors should
be placed very close to the device input pins with short leads.
The values of these capacitors may vary from application to application, as they depend on
noise behavior and supply type.
Care should be taken regarding the shield; all grounds and shields in the application must be
connected in star format to earth. In addition to this you can use a precision voltage reference
to reduce the effect of supply noise on conversion accuracy. This can have the disadvantage
of extra cost.
Figure 6 Hardware Setup
4 REFERENCE APPLICATION
The resolution of the ADC is 13-bit when the amplifier is ON, so even a small amount of noise
can create an error at output. This noise could be from the supply or the signal. To filter this out
and to obtain correct converted data it is suggested to use different software and hardware
techniques depending on your application requirements, like hardware filtering/shielding/soft-
ware averaging/histogram etc.
However, taking into account this fact, the reference application has been provided showing
the implementation of software averaging, offset compensation and hardware filtering (refer to
Section 3.3 for hardware filtering).
Supply
Ground
Analog Input
C2
C3
C4
+
+
_
_
C1, C2 = Ceramic Capacitors
C3, C4 = Electrolytic Capacitors
VDD
ST7LITE2
VSS
AIN0/PBO
Application
Board
(VIN)
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com