Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2014 Datasheet(PDF) 56 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 52Page - STMicroelectronics AN2014 Datasheet HTML 53Page - STMicroelectronics AN2014 Datasheet HTML 54Page - STMicroelectronics AN2014 Datasheet HTML 55Page - STMicroelectronics AN2014 Datasheet HTML 56Page - STMicroelectronics AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics AN2014 Datasheet HTML 59Page - STMicroelectronics AN2014 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
Power supply loss and application reset
AN2014
56/65
DocID10701 Rev 10
Figure 45. Emergency sequence SPI products
Note:
If the emergency software sequence can be executed so that the EEPROM is not
deselected at a data byte boundary (multiple of 8 bits), there is no risk of triggering a write
cycle.
After the emergency sequence, the power supply of the EEPROM (through keep alive
systems or a backup capacitor at the EEPROM level) must remain high enough to allow an
eventual write cycle to complete correctly.
MICROWIRE products
Emergency procedure to interrupt a MICROWIRE request:
drive W pin low for M93Sxx(c) devices. One clock pulse will discard the current write
request.
deselect the EEPROM by driving the S pin Low.
Warning:
If the chip is deselected between two data bytes of a write
request and W has not been driven Low, a write cycle may be
triggered (see Figure 46: Emergency sequence MICROWIRE
products)
c. W pin is available on M93Sxx products (not available on M93Cxx products).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com