Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2014 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 46Page - STMicroelectronics AN2014 Datasheet HTML 47Page - STMicroelectronics AN2014 Datasheet HTML 48Page - STMicroelectronics AN2014 Datasheet HTML 49Page - STMicroelectronics AN2014 Datasheet HTML 50Page - STMicroelectronics AN2014 Datasheet HTML 51Page - STMicroelectronics AN2014 Datasheet HTML 52Page - STMicroelectronics AN2014 Datasheet HTML 53Page - STMicroelectronics AN2014 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
Power supply loss and application reset
AN2014
50/65
DocID10701 Rev 10
Figure 40. I2C bus enters the high impedance state (Master reset)
It is important to note that when the Master is reset and releases the I2C bus, the commonly
used pull-up resistors on the SCL and SDA pins (case1) increase the probability of sourcing
an erroneous Stop condition. The recommended I2C connections for a robust design are
also detailed in Section 4.1.5.
When the transmission of an I2C bus command is interrupted before completion (before the
Stop condition), the EEPROM is paused in its communication until the Master is able to take
again the control of the I2C bus. Before accessing the EEPROM, the Master must follow the
sequence below:
•
Master must first send a re-synchronization sequence to the EEPROM. It consists of 9
START conditions + 1 STOP condition to re-initialize the internal state machine and
deselect the device safely. Refer to AN1471 for any help to implement this sequence.
•
Master must check that EEPROM is ready (no write cycle in progress) by sending a
data polling sequence. Refer to Section 5.2.2: Data polling.
Note:
For the first read access to the EEPROM, it is recommended to define the internal address
pointer with a Random Read instruction as a current Address Read does not change/define
the address pointer value.
These recommendations allow to maximize the control on the EEPROM in case of
inadvertent Master reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com