Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2014 Datasheet(PDF) 59 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 55Page - STMicroelectronics AN2014 Datasheet HTML 56Page - STMicroelectronics AN2014 Datasheet HTML 57Page - STMicroelectronics AN2014 Datasheet HTML 58Page - STMicroelectronics AN2014 Datasheet HTML 59Page - STMicroelectronics AN2014 Datasheet HTML 60Page - STMicroelectronics AN2014 Datasheet HTML 61Page - STMicroelectronics AN2014 Datasheet HTML 62Page - STMicroelectronics AN2014 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
DocID10701 Rev 10
59/65
AN2014
Operating conditions
64
7
Operating conditions
There are many other operating conditions, imposed by the final application environment,
that may also have an adverse affect on the EEPROM device (shortened lifetime or
unreliable operation). They should be studied, and solutions must be found to minimize
them.
7.1
Temperature
The temperature should be kept as low as possible, since high temperatures accelerate
wear-out. At high temperatures, cycling endurance and data retention capability are reduced
because of charge trapping in the thin oxide of the memory cells. When applications are
designed to run in hot environments with high cycling requirements, it is strongly
recommended to establish a temperature profile and discuss it with the ST EEPROM quality
support (refer to Section 5.5: Cycling endurance and data retention).
7.2
Humidity and chemical vapors
Boards should always operate in a clean and dry environment. Humidity and dirt of any kind
can cause corrosion and short circuits between package pins and tracks.
7.3
Mechanical stress
EEPROM packages cannot withstand excessive weight, local pressure or strong shocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com