Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2014 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 4Page - STMicroelectronics AN2014 Datasheet HTML 5Page - STMicroelectronics AN2014 Datasheet HTML 6Page - STMicroelectronics AN2014 Datasheet HTML 7Page - STMicroelectronics AN2014 Datasheet HTML 8Page - STMicroelectronics AN2014 Datasheet HTML 9Page - STMicroelectronics AN2014 Datasheet HTML 10Page - STMicroelectronics AN2014 Datasheet HTML 11Page - STMicroelectronics AN2014 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
EEPROM cell and memory array architecture
AN2014
8/65
DocID10701 Rev 10
Figure 3. Floating gate reservoir full of electrons (Erased state)
1. Control Gate threshold value (Vth.erase) is positive.
2. Id = f(Vg) characteristic shows Id=0 for Vg<Vth.erase.
The effect, as viewed from the channel region of the transistor, is that the Control Gate
voltage, Vg, is offset by an extra negative or positive amount. Viewed from the outside,
black-box electrical behavior of the device, the charge on the floating gate has the effect of
moving the threshold MOSFET voltage, Vth, at which the linear conduction region begins. In
other words, a FLOTOX transistor is a MOS transistor with a variable Control Gate threshold
value, Vth.
The floating gate acts as the storage element, and, being completely surrounded by
insulating oxide, as shown in Figure 1, keeps its charge even when there is no power
supply.
Figure 4. Floating gate reservoir empty of electrons (Written state)
1. Control Gate threshold value (Vth.write) is negative
2. Id=f(Vg) characteristic shows Id=0 for Vg<Vth.write.
AI10228
Tunnel Oxide
Control Gate
- - - - - - - - - - - - - - - -
Source
Drain
Gate Oxide
Oxide
Vg
Vg
Id
- - - - - -
Vth.erase
Channel Region
AI10229
Tunnel Oxide
Control Gate
+ + + + + + + + + + + + +
Source
Drain
Gate Oxide
Oxide
Vg
Vg
Id
+ + + + +
Vth.write
Channel Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com