Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3137 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 8Page - STMicroelectronics AN3137 Datasheet HTML 9Page - STMicroelectronics AN3137 Datasheet HTML 10Page - STMicroelectronics AN3137 Datasheet HTML 11Page - STMicroelectronics AN3137 Datasheet HTML 12Page - STMicroelectronics AN3137 Datasheet HTML 13Page - STMicroelectronics AN3137 Datasheet HTML 14Page - STMicroelectronics AN3137 Datasheet HTML 15Page - STMicroelectronics AN3137 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
STM8L/STM8AL ADC internal hardware
AN3137
12/42
Doc ID 16983 Rev 3
1.7
Conversion triggers
ADC conversion can start when a trigger occurs. Three main sources of trigger can be
selected:
●
software trigger (writing to one register bit)
●
timer trigger (if a timer event occurs)
●
external trigger (change of the state of a dedicated I/O pin)
1.8
Analog watchdog feature
This function is used to monitor converted values on selected channels. If the converted
value on a given ADC input channel is outside the reference voltage threshold, the analog
watchdog flag (AWD) bit is set and can generate an interrupt.
1.9
Interrupt generation
The ADC can generate an interrupt if some events occur. This simplifies the programming
and speeds up the ADC service routines.
The interrupt sources are the following ones:
●
end of conversion (when an ADC data register is filled with a new value)
●
analog watchdog event (if the ADC converted value is outside a given voltage range)
●
overrun event (when, after a conversion, a second conversion is complete and the DMA
has not read the first conversion value yet)
1.10
DMA transfer
The ADC can be programmed to use the built-in DMA to transfer converted ADC data to the
memory. This speeds up the data collection (instead of ADC data register polling by the
CPU, the DMA transfer runs in the background) when the CPU is performing another
operation. Refer to the STM8L05xx, STM8L15xx, STM8L162x, STM8AL31xx and
STM8AL3Lxxx microcontroller family reference manual (RM0031) for a description of DMA
operation. Using the DMA transfer is especially useful in long data array collection (voice,
signal processing,...).
1.11
Sampling modes
The ADC can operate in three modes which mainly differ in the way converted input
channels are managed:
●
single mode (one conversion and then ADC stops)
●
continuous mode (ADC continues conversion to the next channel)
●
scan mode (ADC converts a set of selected channels to the memory)
These modes are described in Section 2: STM8L/STM8AL ADC usage/programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com